Electronic Components Datasheet Search
  English  ▼

X  

IN08078 Datasheet(PDF) 2 Page - ice Components, Ins.

Part # IN08078
Description  Isat is the current at which the inductance drops by 20%.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICE [ice Components, Ins.]
Direct Link  http://www.icecomponents.com
Logo ICE - ice Components, Ins.

IN08078 Datasheet(HTML) 2 Page - ice Components, Ins.

  IN08078 Datasheet HTML 1Page - ice Components, Ins. IN08078 Datasheet HTML 2Page - ice Components, Ins.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
P/N: IN08078
Inductance vs. Current
40.0
50.0
60.0
70.0
80.0
90.0
100.0
0
5
10 15
20 25 30 35
Current (A)
+25 degC
+125 degC
Temperature VS Current
0.0
20.0
40.0
60.0
80.0
100.0
0
5
10
15
20
25
30
35
40
45
50
Current (DC)
PAGE 2 OF 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com