Electronic Components Datasheet Search
  English  ▼

X  

IN08082 Datasheet(PDF) 2 Page - ice Components, Ins.

Part # IN08082
Description  Isat is the current at which the inductance drops by 20%.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICE [ice Components, Ins.]
Direct Link  http://www.icecomponents.com
Logo ICE - ice Components, Ins.

IN08082 Datasheet(HTML) 2 Page - ice Components, Ins.

  IN08082 Datasheet HTML 1Page - ice Components, Ins. IN08082 Datasheet HTML 2Page - ice Components, Ins.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
P/N: IN08082
Inductance vs. Current
40.0
50.0
60.0
70.0
80.0
90.0
100.0
0
5
10
15
20
25
30
35
40
Current (A)
+25 degC
+125 degC
DCR VS temperature
1.270
1.370
1.470
1.570
1.670
1.770
1.870
1.970
2.070
20
30
40
50
60
70
80
90
100
110
120
130
140
150
160
160
180
temperature (deg C)
PAGE 2 OF 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com