Electronic Components Datasheet Search
  English  ▼

X  

8259 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 8259
Description  RG-58A/U type, 20 AWG stranded (19x33) .035 tinned copper conductor, polyethylene insulation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8259 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  8259 Datasheet HTML 1Page - List of Unclassifed Manufacturers 8259 Datasheet HTML 2Page - List of Unclassifed Manufacturers 8259 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
RG Type:
58A/U
Plenum/Non-Plenum
Plenum (Y/N):
No
Electrical Characteristics (Overall)
Nom. Characteristic Impedance:
Impedance (Ohm)
50
Nom. Inductance:
Inductance (µH/m)
0.301852
Nom. Capacitance Conductor to Shield:
Capacitance (pF/m)
101.055
Nominal Velocity of Propagation:
VP (%)
66
Nominal Delay:
Delay (ns/m)
5.05274
Nom. Conductor DC Resistance:
DCR @ 20°C (Ohm/km)
35.4348
Nominal Outer Shield DC Resistance:
DCR @ 20°C (Ohm/km)
13.4521
Nom. Attenuation:
Freq. (MHz) Attenuation (dB/100m)
1
1.3124
10
4.9215
50
12.1397
100
17.7174
200
26.5761
400
40.6844
700
58.0737
900
69.2291
1000
74.8068
Max. Operating Voltage - Non-UL:
Voltage
1400 V RMS
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
8259 010U1000
305 MT
11.793 KG
BLACK
RG-58A/U 50 OHMS COAX
8259 010U500
152 MT
6.350 KG
BLACK
RG-58A/U 50 OHMS COAX
8259 010100
30 MT
1.497 KG
BLACK
RG-58A/U 50 OHMS COAX
8259 0101000
305 MT
12.247 KG
BLACK
C
RG-58A/U 50 OHMS COAX
8259 010500
152 MT
6.350 KG
BLACK
C
RG-58A/U 50 OHMS COAX
8259 0105000
1,524 MT
61.235 KG
BLACK
C
RG-58A/U 50 OHMS COAX
Notes:
C = CRATE REEL PUT-UP.
Page 2 of 3
08-21-2013
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
8259 Coax - RG-58A/U Type



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com