Electronic Components Datasheet Search
  English  ▼

X  

8451 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 8451
Description  22 AWG stranded (7x30) TC conductors, polypropylene insulation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8451 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  8451 Datasheet HTML 1Page - List of Unclassifed Manufacturers 8451 Datasheet HTML 2Page - List of Unclassifed Manufacturers 8451 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For more Information
please call
1-800-Belden1
General Description:
22 AWG stranded (7x30) TC conductors, polypropylene insulation, paper wrap, twisted pair, overall Beldfoil
shield (100% coverage), 22 AWG stranded TC drain wire, PVC jacket.
Physical Characteristics (Overall)
Conductor
AWG:
# Pairs AWG Stranding Conductor Material
1
22
7x30
TC - Tinned Copper
Total Number of Conductors:
2
Insulation
Insulation Material:
Insulation Material Wall Thickness (mm)
PP - Polypropylene 0.2032
Outer Shield
Outer Shield Material:
Outer Shield Trade Name Type Outer Shield Material
Coverage (%)
Beldfoil® (Z-Fold®)
Tape Aluminum Foil-Polyester Tape 100
Outer Shield Drain Wire AWG:
AWG Stranding Drain Wire Conductor Material
22
7x30
TC - Tinned Copper
Outer Jacket
Outer Jacket Material:
Outer Jacket Material
PVC - Polyvinyl Chloride
Overall Cable
Overall Nominal Diameter:
3.505 mm
Pair
Pair Color Code Chart:
Number Color
1
Black & Red
Mechanical Characteristics (Overall)
Operating Temperature Range:
-20°C To +75°C
Bulk Cable Weight:
22.323 Kg/Km
Max. Recommended Pulling Tension:
120.101 N
Min. Bend Radius/Minor Axis:
38.100 mm
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
NEC/(UL) Specification:
CMR
CEC/C(UL) Specification:
CMG
Page 1 of 3
09-26-2013
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
8451 Multi-Conductor - Single-Pair Cable


Similar Part No. - 8451

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8451 FILTRAN-8451 Datasheet
96Kb / 1P
Choke EMC Suppression Choke
logo
Belden Inc.
8451 BELDEN-8451 Datasheet
270Kb / 2P
Audio & Instrumentation, 1 Pair 22 AWG, TC, O/A Foil, CM
logo
Heyco.
8451 HEYCO-8451 Datasheet
190Kb / 1P
Heyco-Flex™ II Liquid Tight Tubing
logo
Belden Inc.
8451-0081000 BELDEN-8451-0081000 Datasheet
99Kb / 3P
8451 Multi-Conductor - Single-Pair Cable
08-26-2016
8451-008500 BELDEN-8451-008500 Datasheet
99Kb / 3P
8451 Multi-Conductor - Single-Pair Cable
08-26-2016
More results

Similar Description - 8451

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1344805 ETC2-1344805 Datasheet
100Kb / 3P
22 AWG stranded (7x30) TC conductors, polypropylene insulation
1345076 ETC2-1345076 Datasheet
100Kb / 3P
22 AWG stranded (7x30) TC conductors, polypropylene insulation
1345332 ETC2-1345332 Datasheet
99Kb / 3P
22 AWG stranded (7x30) TC conductors, plenum, FEP insulation,
1345874 ETC2-1345874 Datasheet
101Kb / 3P
22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
1346679 ETC2-1346679 Datasheet
102Kb / 3P
22 AWG stranded (7x30) TC conductors, polypropylene insulation
1347719 ETC2-1347719 Datasheet
100Kb / 3P
22 AWG stranded (7x30) TC conductors, polyethylene insulation
28473 ETC2-28473 Datasheet
34Kb / 4P
22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
82723 ETC2-82723 Datasheet
99Kb / 3P
22 AWG stranded (7x30) TC conductors, plenum, FEP insulation
8723NH ETC2-8723NH Datasheet
113Kb / 3P
22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
1325A ETC2-1325A Datasheet
98Kb / 3P
22 AWG stranded (7x30) TC conductors, plenum, Flamarrest insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com