Electronic Components Datasheet Search
  English  ▼

X  

8461 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 8461
Description  18 AWG stranded (7x26) tinned copper conductors, PVC insulation, twisted pair, PVC jacket.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8461 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  8461 Datasheet HTML 1Page - List of Unclassifed Manufacturers 8461 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Flame Test
C(UL) Flame Test:
FT4
Plenum/Non-Plenum
Plenum (Y/N):
No
Electrical Characteristics (Overall)
Nom. Capacitance Conductor to Conductor:
Capacitance (pF/ft)
22.0
Nom. Conductor DC Resistance:
DCR @ 20°C (Ohm/1000 ft)
5.86
Max. Operating Voltage - UL:
Voltage
300 V RMS
Max. Recommended Current:
Current
4.8 Amps per conductor @ 20°C
Related Documents:
No related documents are available for this product
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
8461 060U1000
1,000 FT
26.000 LB
CHROME
2 #18 PVC FRPVC
8461 060U500
500 FT
14.000 LB
CHROME
2 #18 PVC FRPVC
8461 060100
100 FT
3.200 LB
CHROME
2 #18 PVC FRPVC
8461 0601000
1,000 FT
27.000 LB
CHROME
C
2 #18 PVC FRPVC
8461 060500
500 FT
13.500 LB
CHROME
C
2 #18 PVC FRPVC
8461 0605000
5,000 FT
140.000 LB
CHROME
2 #18 PVC FRPVC
Notes:
C = CRATE REEL PUT-UP.
Revision Number: 2
Revision Date: 11-23-2011
© 2012 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications
described herein are subject to error or omission and to change without notice, and the listing of such information and specifications does not
ensure product availability.
Belden provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express,
statutory or implied. In no event will Belden be liable for any damages (including consequential, indirect, incidental, special, punitive, or
exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with EU RoHS (Directive 2002/95/EC, 27-Jan-2003). Material manufactured prior to the
compliance date may be in stock at Belden facilities and in our Distributor’s inventory. The information provided in this Product Disclosure, and
the identification of materials listed as reportable or restricted within the Product Disclosure, is correct to the best of Belden’s knowledge,
information, and belief at the date of its publication. The information provided in this Product Disclosure is designed only as a general guide
for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. This Product Disclosure is not
to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for
determining the applicability of legislation and regulations based on their individual usage of the product.
Belden declares this product to be in compliance with EU LVD (Low Voltage Directive 73/23/EEC), as amended by directive 93/68/EEC.
Page 2 of 2
02-01-2012
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
8461 Multi-Conductor - High-Conductivity Copper Speaker Cable Twisted Jacket Con



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com