Electronic Components Datasheet Search
  English  ▼

X  

IN08075 Datasheet(PDF) 1 Page - ice Components, Ins.

Part # IN08075
Description  Isat is the current at which the inductance drops by 15%.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICE [ice Components, Ins.]
Direct Link  http://www.icecomponents.com
Logo ICE - ice Components, Ins.

IN08075 Datasheet(HTML) 1 Page - ice Components, Ins.

  IN08075 Datasheet HTML 1Page - ice Components, Ins. IN08075 Datasheet HTML 2Page - ice Components, Ins.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Data Sheet
ICE Components, Inc.
Tel 678-560-9172 Fax 678-560-9304
cust.serv@icecomp.com
www.icecomponents.com
1165 Allgood Rd., Ste. #20, Marietta, GA 30062
General Information
Customer
Part Number
IN08075
Revision
0
Description
Inductor
Date
AUG-07-2009
Reference
--
Doc Control #
--
Issue(For ICE use only) --
Mechanical Drawing
18.2 max
TOP VIEW
IN08075
YYWW
0.9(X2)
2.5 +/- 0.5
4.0
unit:mm
Specification
Sample Test Data
Item
Pins
Spec
Test Condition
Inductance @0Adc
S - F
10 uH +/- 10%
100 kHz, 1Vrms, series
Inductance
@Isat
at
25degC
S - F
7.65 uH min
100 k Hz, 1Vrms, series (11 Adc)
DCR
S - F
7.5 mOhm +/- 10% +25 deg C
Isat at +25degC
S - F
11 Adc max
Isat at +125degC
S - F
7.6 Adc max
Schematic
S
F
Recommended PCB Layout
3.5
4.0
2.5(x2)
TOP VIEW
unit:mm
Remark
1.
Isat is the current at which the inductance
drops by 15%.
2. This is RoHS compliant product.
3. The max operating temperature is 130degC
(ambient + temperature rise).
4.
Inductance vs Current Curve as attached.
Rev.
Description
PRD CHK
APP
Date
NTFY
0
Initial release
Emily
Gary
L. L. Chou
2009/8/7
2009/8/7
Sample approval is required before
release to production. Sample
specifications take precedence over
customer specifications.
__________________________
Customer Signature
FORM NO. : I10105-02
PAGE 1 OF 2


Similar Part No. - IN08075

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
IN08070 ICE-IN08070 Datasheet
56Kb / 2P
Isat is the current at which the inductance drops by 20%.
IN08074 ICE-IN08074 Datasheet
36Kb / 2P
Isat is the current at which the inductance drops by 15%.
IN08078 ICE-IN08078 Datasheet
56Kb / 2P
Isat is the current at which the inductance drops by 20%.
More results

Similar Description - IN08075

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
IN08006 ICE-IN08006 Datasheet
36Kb / 2P
Isat is the current at which the inductance drops by 15%.
IN08032 ICE-IN08032 Datasheet
57Kb / 2P
Isat is the current at which the inductance drops by 15%.
IN08050 ICE-IN08050 Datasheet
57Kb / 2P
Isat is the current at which the inductance drops by 15%.
IN08074 ICE-IN08074 Datasheet
36Kb / 2P
Isat is the current at which the inductance drops by 15%.
IN08132 ICE-IN08132 Datasheet
37Kb / 2P
Isat is the current at which the inductance drops by 15%.
IN08133 ICE-IN08133 Datasheet
36Kb / 2P
Isat is the current at which the inductance drops by 15%.
IN08146 ICE-IN08146 Datasheet
36Kb / 2P
Isat is the current at which the inductance drops by 15%.
IN09003 ICE-IN09003 Datasheet
36Kb / 2P
Isat is the current at which the inductance drops by 15%
IN09011 ICE-IN09011 Datasheet
36Kb / 2P
Isat is the current at which the inductance drops by 15%.
ICA-2194 ICE-ICA-2194 Datasheet
56Kb / 2P
Isat is the current at which the inductance drops by 15%.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com