Electronic Components Datasheet Search
  English  ▼

X  

9534 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 9534
Description  24 AWG stranded (7x32) tinned copper conductors, conductors cabled, PVC insulation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9534 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  9534 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9534 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9534 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
NEC/(UL) Specification:
CMG
CEC/C(UL) Specification:
CMG
AWM Specification:
UL Style 2464 (300 V 80°C)
EU Directive 2011/65/EU (ROHS II):
Yes
EU CE Mark:
Yes
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
04/01/2005
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Flame Test
UL Flame Test:
UL1685 FT4 Loading
CSA Flame Test:
FT4
Plenum/Non-Plenum
Plenum (Y/N):
No
Electrical Characteristics (Overall)
Nom. Capacitance Conductor to Conductor:
Capacitance (pF/m)
108.273
Nom. Capacitance Cond. to Other Conductor & Shield:
Capacitance (pF/m)
213.265
Nom. Conductor DC Resistance:
DCR @ 20°C (Ohm/km)
82.025
Nominal Outer Shield DC Resistance:
DCR @ 20°C (Ohm/km)
59.058
Max. Operating Voltage - UL:
Voltage
300 V RMS
Max. Recommended Current:
Current
1.75 Amps per conductor @ 25°C
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
9534 060U1000
305 MT
9.525 KG
CHROME
4 #24 PVC FS PVC
9534 060U500
152 MT
4.990 KG
CHROME
4 #24 PVC FS PVC
9534 060100
30 MT
1.225 KG
CHROME
4 #24 PVC FS PVC
9534 0601000
305 MT
9.979 KG
CHROME
C
4 #24 PVC FS PVC
9534 060500
152 MT
5.216 KG
CHROME
C
4 #24 PVC FS PVC
9534 0605000
1,524 MT
45.359 KG
CHROME
4 #24 PVC FS PVC
Notes:
Page 2 of 3
10-30-2013
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
9534 Multi-Conductor - Computer Cable for EIA RS-232 Applications



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com