Electronic Components Datasheet Search
  English  ▼

X  

9729 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 9729
Description  24 AWG stranded (7x32) tinned copper conductors, Datalene insulation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9729 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  9729 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9729 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9729 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For more Information
please call
1-800-Belden1
Description:
24 AWG stranded (7x32) tinned copper conductors, Datalene® insulation, twisted pairs, individually
Beldfoil® shielded (100% coverage), 24 AWG stranded tinned copper drain wire, PVC jacket.
Physical Characteristics (Overall)
Conductor
AWG:
# Pairs AWG Stranding Conductor Material Dia. (in.)
2
24
7x32
TC - Tinned Copper .024
Insulation
Insulation Material:
Insulation Trade Name Insulation Material
Dia. (in.)
Datalene®
FPE - Foam Polyethylene .061
Inner Shield
Inner Shield Material:
Inner Shield Trade Name Type Inner Shield Material
Coverage (%)
Beldfoil® (Z-Fold®)
Tape Aluminum Foil-Polyester Tape 100
Inner Shield Drain Wire AWG:
AWG
24
Inner Shield Drain Wire Stranding:
7x32
Inner Shield Drain Wire Conductor Material:
TC - Tinned Copper
Outer Jacket
Outer Jacket Material:
Outer Jacket Material
PVC - Polyvinyl Chloride
Overall Cable
Overall Nominal Diameter:
0.266 in.
Pair
Pair Color Code Chart:
Number Color
1
Black & Red
2
Black & White
Pair Lay Length & Direction:
Lay Length (in.) Twists/ft. (twist/ft)
1.100
10.900
Mechanical Characteristics (Overall)
Operating Temperature Range:
-20°C To +80°C
UL Temperature Rating:
60°C (UL AWM Style 2493)
Bulk Cable Weight:
34.500 lbs/1000 ft.
Max. Recommended Pulling Tension:
22 lbs.
Page 1 of 3
02-24-2012
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
9729 Multi-Conductor - Shielded Twisted Pair Cable


Similar Part No. - 9729

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9729 BELDEN-9729 Datasheet
262Kb / 2P
RS232/422 Low Cap, #24-2pr, FPE, Indiv. Foil, PVC Jkt, CM, 100廓
logo
Time Electronics Ltd.
9729 TIME-ELECTRONICS-9729 Datasheet
1Mb / 2P
5011 Resistance and Temperature Calibrator
06/22
logo
Visual Communications C...
972960V03BCN VCC-972960V03BCN Datasheet
840Kb / 2P
Dia Indicator Lights
972960V03WCN VCC-972960V03WCN Datasheet
840Kb / 2P
Dia Indicator Lights
972960V06BCN VCC-972960V06BCN Datasheet
840Kb / 2P
Dia Indicator Lights
More results

Similar Description - 9729

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1344571 ETC2-1344571 Datasheet
100Kb / 3P
24 AWG stranded (7x32) TC conductors, Datalene insulation
1344926 ETC2-1344926 Datasheet
100Kb / 3P
24 AWG stranded (7x32) TC conductors, Datalene insulation
1346014 ETC2-1346014 Datasheet
102Kb / 3P
24 AWG stranded (7x32) tinned copper conductors, Datalene insulation
29471 ETC2-29471 Datasheet
30Kb / 3P
24 AWG stranded (7x32) TC conductors, Datalene insulation
1347497 ETC2-1347497 Datasheet
100Kb / 3P
24 AWG stranded (7x32) TC conductors, Datalene insulation
1351642 ETC2-1351642 Datasheet
103Kb / 4P
24 AWG stranded (7x32) tinned copper conductors, Datalene insulation
1748352 ETC2-1748352 Datasheet
103Kb / 3P
24 AWG stranded (7x32) TC conductors, Datalene insulation
8103 ETC2-8103 Datasheet
100Kb / 3P
24 AWG stranded (7x32) TC conductors, Datalene insulation
8105 ETC2-8105 Datasheet
103Kb / 3P
24 AWG stranded (7x32) TC conductors, Datalene insulation
1350SB ETC2-1350SB Datasheet
101Kb / 3P
24 AWG stranded (7x32) tinned copper conductors, Datalene insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com