Electronic Components Datasheet Search
  English  ▼

X  

CS5172GD8 Datasheet(PDF) 14 Page - ON Semiconductor

Part # CS5172GD8
Description  1.5 A 280 kHz/560 kHz Boost Regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5172GD8 Datasheet(HTML) 14 Page - ON Semiconductor

Back Button CS5172GD8 Datasheet HTML 10Page - ON Semiconductor CS5172GD8 Datasheet HTML 11Page - ON Semiconductor CS5172GD8 Datasheet HTML 12Page - ON Semiconductor CS5172GD8 Datasheet HTML 13Page - ON Semiconductor CS5172GD8 Datasheet HTML 14Page - ON Semiconductor CS5172GD8 Datasheet HTML 15Page - ON Semiconductor CS5172GD8 Datasheet HTML 16Page - ON Semiconductor CS5172GD8 Datasheet HTML 17Page - ON Semiconductor CS5172GD8 Datasheet HTML 18Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
CS5171, CS5172, CS5173, CS5174
http://onsemi.com
14
Summing up, the output voltage peak−peak ripple can be
calculated by:
VOUT(RIPPLE) +
(IIN * IOUT)(1 * D)
(COUT)(f)
)
IOUTD
(COUT)(f)
) IIN
ESR
The equation can be expressed more conveniently in
terms of VCC, VOUT and IOUT for design purposes as
follows:
VOUT(RIPPLE) +
IOUT(VOUT * VCC)
(COUT)(f)
1
(COUT)(f)
)
(IOUT)(VOUT)(ESR)
VCC
The capacitor RMS ripple current is:
IRIPPLE + (IIN * IOUT)2(1 * D))(IOUT)2(D)
+ IOUT
VOUT * VCC
VCC
Although the above equations apply only for boost
circuits, similar equations can be derived for flyback
circuits.
Reducing the Current Limit
In some applications, the designer may prefer a lower
limit on the switch current than 1.5 A. An external shunt can
be connected between the VC pin and ground to reduce its
clamp voltage. Consequently, the current limit of the
internal power transistor current is reduced from its nominal
value.
The voltage on the VC pin can be evaluated with the
equation
VC + ISWREAV
where:
RE = .063
W, the value of the internal emitter resistor;
AV = 5 V/V, the gain of the current sense amplifier.
Since RE and AV cannot be changed by the end user, the
only available method for limiting switch current below
1.5 A is to clamp the VC pin at a lower voltage. If the
maximum switch or inductor current is substituted into the
equation above, the desired clamp voltage will result.
A simple diode clamp, as shown in Figure 37, clamps the
VC voltage to a diode drop above the voltage on resistor R3.
Unfortunately, such a simple circuit is not generally
acceptable if VIN is loosely regulated.
Figure 37. Current Limiting using a Diode Clamp
VC
D1
VCC
R1
VIN
C2
C1
R2
R3
Another solution to the current limiting problem is to
externally measure the current through the switch using a
sense resistor. Such a circuit is illustrated in Figure 38.
Figure 38. Current Limiting using a Current Sense
Resistor
VC
RSENSE
Q1
VCC
R1
VIN
C2
C1
R2
C3
Output
Ground
PGND
AGND
The switch current is limited to
ISWITCH(PEAK) +
VBE(Q1)
RSENSE
where:
VBE(Q1) = the base−emitter voltage drop of Q1, typically
0.65 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com