Electronic Components Datasheet Search
  English  ▼

X  

CLC5506 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5506
Description  Gain Trim Amplifier (GTA)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5506 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  CLC5506 Datasheet HTML 1Page - National Semiconductor (TI) CLC5506 Datasheet HTML 2Page - National Semiconductor (TI) CLC5506 Datasheet HTML 3Page - National Semiconductor (TI) CLC5506 Datasheet HTML 4Page - National Semiconductor (TI) CLC5506 Datasheet HTML 5Page - National Semiconductor (TI) CLC5506 Datasheet HTML 6Page - National Semiconductor (TI) CLC5506 Datasheet HTML 7Page - National Semiconductor (TI) CLC5506 Datasheet HTML 8Page - National Semiconductor (TI) CLC5506 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Electrical Characteristics (Continued)
These conditions apply unless otherwise specified: T
J = 25˚C, VCCA = VCCD = +5V: Gain = 25.75dB, RLdiff = 100Ω, Pin =
−30dBm (Note 6),(Note 7).
Symbol
Parameter
Conditions
Typ
(Note 3)
Limit
(Note 4)
Units
Input/Output Characteristics:
output resistance
Differential
5K
Ω
output capacitance
Differential
0.5
pF
Logic I/O
clock speed
Maximum
1
MHz
data to clock setup
time, T
CS
Minimum
50
nsec
data to clock hold
time, T
CH
Minimum
10
nsec
clock pulse width high,
T
CWH
Minimum
50
nsec
clock pulse width low,
T
CWL
Minimum
50
nsec
clock to load enable
setup time, T
ES
Minimum
50
nsec
high level input
voltage
0.7 V
CCD
V
low level input voltage
0.3 V
CCD
V
High level input
current
±1.0
µA
low level input current
±1.0
µA
high level output
voltage
Isource = 0.5mA
V
CCD −0.8
V
low level output
voltage
Isink = 0.5mA
0.4
V
DC Characteristics:
Supply current
75
95
mA
Supply current in
power down mode
35
100
µA
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is in-
tended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics.
Note 2: Human body model, 1.5k
Ω in series with 100pF. Machine model, 200Ω in series with 100pF.
Note 3: Typical values represent the most likely parametric norm.
Note 4: All limits are guaranteed by testing or statistical analysis, unless otherwise noted.
Note 5: AC test performed at 400MHz unless otherwise noted.
Note 6: Refer to test circuit schematic, loss of transformers is excluded from the measurement.
Note 7: Refer to test circuit schematic to see the definition of RLdiff.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com