Electronic Components Datasheet Search
  English  ▼

X  

3P1 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # 3P1
Description  EFFICIENT, VERSATILE, HIGH POWER INDUCTORS WITH 3P1
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

3P1 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  3P1 Datasheet HTML 1Page - Ferroxcube International Holding B.V. 3P1 Datasheet HTML 2Page - Ferroxcube International Holding B.V. 3P1 Datasheet HTML 3Page - Ferroxcube International Holding B.V. 3P1 Datasheet HTML 4Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
A new solution
for high power
inductors
Product reference
BRK50/30/x-3P1M080
BRK60/30/x-3P1M080
BRK70/30/x-3P1M080
BRK80/30/x-3P1M080
BRK120/30/x-3P1M080
ROD25/x-3P1M080
SYMBOL
3P1 applications as
boost and output
choke in power
conversion systems
include fields like:
Industrial:
• Photovoltaic inverters
• Wind mill inverters
• Welding power supplies
• General purpose inverters
• Uninterruptible Power Supplies
• Power Factor Corrector
FERROXCUBE moves forward along
with the technology and expands its
range of products with 3P1 set of
cores for inductors in high power
conversion systems. A true alternative
to laminated steel and metal alloys.
Thanks to its very high saturation level
(1.5T) and low power losses, 3P1 is
perfectly suited for applications where
high energy storage capability and
efficiency are necessary.These features
allow for a smaller core size, hence
lower cost and lighter solution than
using ferrites for the same function.
We are permanently developing new products. Lower material
permeabilities are on the way. Other shapes like toroids, or
customized cores can be made upon request. Ask Ferroxcube’s
team for support and optimize your inductor design.
If this is not enough…
Automotive:
• HEV and EV inverter
• EV fast charger
CONDITIONS
3P1
UNIT
μ
25 °C; 10 kHz;
0.25 mT
80
μa
25 ºC, 10 kHz,
100 mT
85
Bsat
25 °C; 10 kHz
1.5
T
Pv
25 °C; 10 kHz;
100 mT
90
kW/m³
Tc
> 700
°C
density
6300
kg/m³
Shape
Bricks
Length
50.5
60
70.5
80.5
120.5
Height
Product reference
Shape
Diameter
Height
25
(max 25)
Product range
Material specifications
Width
30
Cylinder
All the dimensions are in mm
ρ
> 1
Ω∙m
DC, 25 °C
The core loss formula
an approximation of t
power losses as a func
of frequency (f) and f
density (B)
P = 926.1∙B(T)2.05∙ f(kH



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com