Electronic Components Datasheet Search
  English  ▼

X  

HT48R30A Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT48R30A
Description  8-Bit Microcontroller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R30A Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT48R30A Datasheet HTML 1Page - Holtek Semiconductor Inc HT48R30A Datasheet HTML 2Page - Holtek Semiconductor Inc HT48R30A Datasheet HTML 3Page - Holtek Semiconductor Inc HT48R30A Datasheet HTML 4Page - Holtek Semiconductor Inc HT48R30A Datasheet HTML 5Page - Holtek Semiconductor Inc HT48R30A Datasheet HTML 6Page - Holtek Semiconductor Inc HT48R30A Datasheet HTML 7Page - Holtek Semiconductor Inc HT48R30A Datasheet HTML 8Page - Holtek Semiconductor Inc HT48R30A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Unit
VDD
Conditions
ISTB2
Standby Current
(WDT Disabled RTC Off)
3.3V
No load, system HALT
¾¾
1
mA
5V
¾¾
2
mA
ISTB3
Standby Current
(WDT Disabled, RTC On)
3.3V
No load, system HALT
¾¾
5
mA
5V
¾¾
10
mA
VIL1
Input Low Voltage for
I/O Ports
¾¾
0
¾
0.3VDD
V
VIH1
Input High Voltage for
I/O Ports
¾¾
0.7VDD
¾
VDD
V
VIL2
Input Low Voltage (RES) ¾¾
0
¾
0.4VDD
V
VIH2
Input High Voltage
(RES)
¾¾
0.9VDD
¾
VDD
V
IOL
I/O Port Sink Current
3.3V VOL=0.1VDD
48
¾
mA
5V VOL=0.1VDD
10
20
¾
mA
IOH
I/O Port Source
Current
3.3V VOH=0.9VDD
-2
-4
¾
mA
5V VOH=0.9VDD
-5
-10
¾
mA
RPH
Pull-high Resistance
3.3V
¾
40
60
80
kW
5V
¾
10
30
50
kW
VLVR
Low Voltage Reset
¾ 3.3V option
2.7
3.0
3.3
V
A.C. Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
fSYS1
System Clock
(Crystal OSC)
3.3V
¾
400
¾
4000 kHz
5V
¾
400
¾
8000 kHz
fSYS2
System Clock (RC OSC)
3.3V
¾
400
¾
4000 kHz
5V
¾
400
¾
8000 kHz
fSYS3
System Clock (Internal RC)
3.3V
3.2MHz option
1600 2500 3500 kHz
5V
2000 3200 4500 kHz
fTIMER
Timer I/P Frequency
(TMR0/TMR1)
3.3V
¾
0
¾
4000 kHz
5V
¾
0
¾
8000 kHz
tWDTOSC Watchdog Oscillator
3.3V
¾
43
86
168
ms
5V
¾
36
72
144
ms
tWDT1
Watchdog Time-out Period
(WDT OSC)
3.3V Without WDT
prescaler
11
22
43
ms
5V
9
18
37
ms
HT48R30A-1
Rev. 1.10
5
July 2, 2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com