Electronic Components Datasheet Search
  English  ▼

X  

ISD4002 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ISD4002
Description  Single-Chip Voice Record/Playback Devices 120-, 150-, 180-, and 240-Second Durations
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ISD4002 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ISD4002 Datasheet HTML 1Page - List of Unclassifed Manufacturers ISD4002 Datasheet HTML 2Page - List of Unclassifed Manufacturers ISD4002 Datasheet HTML 3Page - List of Unclassifed Manufacturers ISD4002 Datasheet HTML 4Page - List of Unclassifed Manufacturers ISD4002 Datasheet HTML 5Page - List of Unclassifed Manufacturers ISD4002 Datasheet HTML 6Page - List of Unclassifed Manufacturers ISD4002 Datasheet HTML 7Page - List of Unclassifed Manufacturers ISD4002 Datasheet HTML 8Page - List of Unclassifed Manufacturers ISD4002 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image

ii
Voice Solutions in Silicon™
Table: ISD4002 Series Summary
Part
Number
Duration
(seconds)
Input Sample
Rate (KHz)
Typical Filter Pass Band
(KHz)




 
 










•
", - D3 !
•
" .0 - !
•
5,5 !%
–
" @
  H 9 % (*
  H &9 % (*
–
D @  I (*
•
", ! $ &?) 9?) B?) 
&2? !!
•
:",<)  - 
•
# $ -! D3" !
 " ! $ !
•
 "% -% <
•
#    #58 
$
•
 !!D   %
%!!"!
•
- %!!" !"
•
5 !%  D  
 #5  "!
•
??, %!!"  (*
•
??4  ! (*
•
, 3 !
•
-D   $%)  )  )  ) 
 ! 3"" ( *
•
6 % (/&?J  .=?J* 
! % (/2?J  .B9J*
-!! -D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com