Electronic Components Datasheet Search
  English  ▼

X  

LMV1012 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV1012
Description  Pre-Amplified IC?셲 for High Gain 2-Wire Microphones
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV1012 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LMV1012 Datasheet HTML 6Page - National Semiconductor (TI) LMV1012 Datasheet HTML 7Page - National Semiconductor (TI) LMV1012 Datasheet HTML 8Page - National Semiconductor (TI) LMV1012 Datasheet HTML 9Page - National Semiconductor (TI) LMV1012 Datasheet HTML 10Page - National Semiconductor (TI) LMV1012 Datasheet HTML 11Page - National Semiconductor (TI) LMV1012 Datasheet HTML 12Page - National Semiconductor (TI) LMV1012 Datasheet HTML 13Page - National Semiconductor (TI) LMV1012 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Application Section
HIGH GAIN
The LMV1012 series provides outstanding gain versus the
JFET and still maintains the same ease of implementation,
with improved gain, linearity and temperature stability. A high
gain eliminates the need for extra external components.
BUILT IN GAIN
The LMV1012 is offered in 0.3 mm height space saving
small 4-pin micro SMD packages in order to fit inside the
different size ECM canisters of a microphone. The LMV1012
is placed on the PCB inside the microphone.
The bottom side of the PCB usually shows a bull’s eye
pattern where the outer ring, which is shorted to the metal
can, should be connected to the ground. The center dot on
the PCB is connected to the V
DD through a resistor. This
phantom biasing allows both supply voltage and output sig-
nal on one connection.
A-WEIGHTED FILTER
The human ear has a frequency range from 20 Hz to about
20 kHz. Within this range the sensitivity of the human ear is
not equal for each frequency. To approach the hearing re-
sponse weighting filters are introduced. One of those filters
is the A-weighted filter.
The A-weighted filter is usually used in signal to noise ratio
measurements, where sound is compared to device noise.
This filter improves the correlation of the measured data to
the signal to noise ratio perceived by the human ear.
MEASURING NOISE AND SNR
The overall noise of the LMV1012 is measured within the
frequency band from 10 Hz to 22 kHz using an A-weighted
filter. The input of the LMV1012 is connected to ground with
a 5 pF capacitor, as in Figure 3. Special precautions in the
internal structure of the LMV1012 have been taken to reduce
the noise on the output.
The signal to noise ratio (SNR) is measured witha1kHz
input signal of 18 mV
PP using an A-weighted filter. This
represents a sound pressure level of 94 dB SPL. No input
capacitor is connected for the measurement.
SOUND PRESSURE LEVEL
The volume of sound applied to a microphone is usually
stated as a pressure level referred to the threshold of hear-
ing of the human ear. The sound pressure level (SPL) in
decibels is defined by:
Sound pressure level (dB) = 20 log P
m/PO
Where,
P
m is the measured sound pressure
P
O is the threshold of hearing (20 µPa)
In order to be able to calculate the resulting output voltage of
the microphone for a given SPL, the sound pressure in dB
20058702
FIGURE 1. Built in Gain
20058709
FIGURE 2. A-Weighted Filter
20058710
FIGURE 3. Noise Measurement Setup
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com