Electronic Components Datasheet Search
  English  ▼

X  

LTC5509 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC5509
Description  300MHz to 3GHz 300MHz RF Power Detector in SC70 Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5509 Datasheet(HTML) 2 Page - Linear Technology

  LTC5509 Datasheet HTML 1Page - Linear Technology LTC5509 Datasheet HTML 2Page - Linear Technology LTC5509 Datasheet HTML 3Page - Linear Technology LTC5509 Datasheet HTML 4Page - Linear Technology LTC5509 Datasheet HTML 5Page - Linear Technology LTC5509 Datasheet HTML 6Page - Linear Technology LTC5509 Datasheet HTML 7Page - Linear Technology LTC5509 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LTC5509
2
5509f
VCC, VOUT to GND .................................... –0.3V to 6.5V
RFIN Voltage .........................................(VCC ± 1V) to 7V
SHDN Voltage to GND ................ –0.3V to (VCC + 0.3V)
IVOUT ...................................................................... 5mA
Operating Temperature Range (Note 2) .. – 40
°C to 85°C
Maximum Junction Temperature ......................... 125
°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
ORDER PART
NUMBER
SC6 PART
MARKING
TJMAX = 125°C, θJA = 256°C/W
LADD
LTC5509ESC6
(Note 1)
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 3.6V, SHDN = VCC = HI, SHDN = 0V = LO, RF Input Signal is Off,
unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC Operating Voltage
q
2.7
6
V
IVCC Shutdown Current
SHDN = LO
q
2
µA
IVCC Operating Current
SHDN = HI, IVOUT = 0mA
q
0.58
0.85
mA
VOUT VOL (No RF Input)
RLOAD = 2k, SHDN = HI, Enabled
150
250
400
mV
SHDN = LOW, Disabled
1
mV
VOUT Output Current
VOUT = 1.75V, VCC = 2.7V, ∆VOUT = 10mV
q
12
mA
VOUT Enable Time
SHDN = HI, CLOAD = 33pF, RLOAD = 2k
q
820
µs
VOUT Bandwidth
CLOAD = 33pF, RLOAD = 2k (Note 4)
1.5
MHz
VOUT Load Capacitance
(Note 6)
q
33
pF
VOUT Slew Rate
VRFIN = 0.7V Step, CLOAD = 33pF, RLOAD = 2k (Note 3)
8
V/
µs
VOUT Noise
VCC = 3V, Noise BW = 1.5MHz, 50Ω RF Input Termination
2
mVP-P
SHDN Voltage, Chip Disabled
VCC = 2.7V to 6V
q
0.35
V
SHDN Voltage, Chip Enabled
VCC = 2.7V to 6V
q
1.4
V
SHDN Input Current
SHDN = 3.6V
q
24
40
µA
RFIN Input Frequency Range
300 to 3000
MHz
RFIN Input Power Range
RF Frequency = 300MHz to 3GHz (Note 5, 6)
–30 to 6
dBm
RFIN AC Input Resistance
F = 300MHz, Pin = –25dBm
150
Ω
RFIN Input Shunt Capacitance
F = 300MHz, Pin = –25dBm
0.9
pF
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Specifications over the –40
°C to 85°C operating temperature
range are assured by design, characterization and correlation with
statistical process controls.
Note 3: The rise time at VOUT is measured between VOUT/2 + 0.5V to
VOUT/2 – 0.5V.
Note 4: Bandwidth is calculated using the 10% to 90% rise time equation:
BW = 0.35/rise time.
Note 5: RF performance is tested at 1800MHz
Note 6: Guaranteed by design.
6 RFIN
5 GND
4 VCC
SHDN 1
TOP VIEW
SC6 PACKAGE
6-LEAD PLASTIC SC70
GND 2
VOUT 3
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com