Electronic Components Datasheet Search
  English  ▼

X  

M3764 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # M3764
Description  VDD CONTROL ALARM SOUND
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

M3764 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  M3764 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VDD CONTROL
電源控制
ALARM SOUND
警報聲 IC
1/1
2002-04-04
SIREN
M3764
.FEATURES 功能敘述
功能敘述
功能敘述
功能敘述
• Alarm siren sound.
• Minimum external compoment.
• OPT : OPEN = 6 sound
VDD = 6 sound with soft chirp
Soft chirp =200ms
APPLICATION 產品應用
產品應用
產品應用
產品應用
• Alarm system, Horn etc..
ELECTRICAL CHARACTERISTICS 電氣規格
電氣規格
電氣規格
電氣規格
( @V
DD=3V unless otherwise specified )
Characteristics
Sym.
Min.
Typ.
Max.
Unit
REMARKS
工作電壓 Operating Voltage
V
DD
―
3.5
4.5
V
工作電流 Operating Current
I
OP
―
0.1
0.5
mA
No load
推動電流 BZ Driving Current
I
O
1
――
mA
@ V
DS=1V
推動電流 LO Driving Current
I
OL
6
――
mA
@ V
DS=1.2V
振盪頻率 Oscillator Frequency
F
OSC
―
200
―
KHz
External± 30%, Rosc=68KΩ
工作溫度 Operating Temperature
Temp.
0
25
60
℃
APPLICATION DIAGRAM 參考電路圖
參考電路圖
參考電路圖
參考電路圖
* All specs and applications shown above subject to change without prior notice.
( 以㆖電路及規格僅供參考,本公司得逕行修正 )
ALARM SIREN
VDD
OPT
3.3V
10μ
μ
μ
μ/
1K
12V
50V
2.2K
VDD
VDD1
M3764
VSS
BB
VDD
POR
BZ
945
600Ω
Ω
Ω
Ω
882
100Ω
Ω
Ω
Ω
OPT
18
45
VDD1
VDD
Y
X
103
M3764
VSS
VDD
POR
OPT
18
45
VDD1
VDD
Y
X
103
BB
BZ
772
772
945
945
600Ω
Ω
Ω
Ω
600Ω
Ω
Ω
Ω
882
882
100Ω
Ω
Ω
Ω
100Ω
Ω
Ω
Ω
BUZZER
WL
WL
HORN
TEL : 0755-25636777
FAX : 0755-25622955


Similar Part No. - M3764

ManufacturerPart #DatasheetDescription
logo
MOSDESIGN SEMICONDUCTOR...
M3764 MOSDESIGN-M3764 Datasheet
136Kb / 1P
VDD CONTROL ALARM SOUND
2011-05-05
M3764-518 MOSDESIGN-M3764-518 Datasheet
137Kb / 1P
VDD CONTROL ALARM SOUND
2011-05-05
logo
Mitsubishi Electric Sem...
M37640E8 MITSUBISHI-M37640E8 Datasheet
1Mb / 172P
SINGLE-CHIP 8-BIT CMOS MICROCONTROLLER
M37640E8FP MITSUBISHI-M37640E8FP Datasheet
1Mb / 172P
SINGLE-CHIP 8-BIT CMOS MICROCONTROLLER
M37640E8FP MITSUBISHI-M37640E8FP Datasheet
1Mb / 96P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M3764

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M9280 ETC-M9280 Datasheet
109Kb / 2P
VDD CONTROL
M994A ETC1-M994A Datasheet
105Kb / 1P
VDD CONTROL DUAL TONE
logo
General Cable Technolog...
05093 GENERAL-05093 Datasheet
73Kb / 1P
Sound, Alarm & Security Cable
05481 GENERAL-05481 Datasheet
74Kb / 1P
Sound, Alarm & Security Cable
05485 GENERAL-05485 Datasheet
73Kb / 1P
Sound, Alarm & Security Cable
05784 GENERAL-05784 Datasheet
73Kb / 1P
Sound, Alarm & Security Cable
C1119 GENERAL-C1119 Datasheet
73Kb / 1P
Sound, Alarm & Security Cable
logo
MOSDESIGN SEMICONDUCTOR...
M994A MOSDESIGN-M994A Datasheet
174Kb / 2P
VDD CONTROL DUAL TONE
2020-09-01
M3764-518 MOSDESIGN-M3764-518 Datasheet
137Kb / 1P
VDD CONTROL ALARM SOUND
2011-05-05
M3764 MOSDESIGN-M3764 Datasheet
136Kb / 1P
VDD CONTROL ALARM SOUND
2011-05-05
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com