Electronic Components Datasheet Search
  English  ▼

X  

6372 Datasheet(PDF) 1 Page - Alpha Wire

Part # 6372
Description  CUSTOMER PRODUCT SPECIFICATION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

6372 Datasheet(HTML) 1 Page - Alpha Wire

  6372 Datasheet HTML 1Page - Alpha Wire 6372 Datasheet HTML 2Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ALPHA WIRE COMPANY
CUSTOMER PRODUCT SPECIFICATION
Part Number: 6372
Issue:
3
Page 1 of 2 Pages
Issue Date:
5/23/2005
Effective Date:
8/1/2005
Although Alpha Wire Company ("Alpha") makes every reasonable effort to ensure their accuracy at the time of publication, information and specifications
described herein are subject to errors or omissions and to changes without notice, and the listing of such information and specifications does not ensure
product availability.
Alpha provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express, statutory or implied. In
no event will Alpha be liable for any damages (including consequential, indirect, incidental, special, punitive, or exemplary) whatsoever, even if Alpha has
been advised of the possibility of such damages, whether in an action under contract, negligence or any other theory, arising out of or in connection with the
use, or inability to use, the information or specifications described herein.
711 Lidgerwood Ave Elizabeth, NJ 07207-0711
Toll Free 1-800-52 ALPHA • T: 1-908-925-8000 • F: 908-925-5411 • Email: info@alphawire.com
www.alphawire.com
A.
Construction
Diameters (In)
1) Component 1
25 X 1 PAIR
a) Conductor
24 (7/32) AWG TC
b) Insulation
0.010" Wall, Nom. PVC, Semi Rigid
0.044
(1) Color Code
Alpha Wire Company Color Code M
Pair
Color
Pair
Color
Pair
Color
1
BLUE/WHITE - WHITE/BLUE
10
SLATE/RED - RED/SLATE
19
BROWN/YELLOW - YELLOW/BROWN
2
ORANGE/WHITE - WHITE/ORANGE
11
BLUE/BLACK - BLACK/BLUE
20
SLATE/YELLOW - YELLOW/SLATE
3
GREEN/WHITE - WHITE/GREEN
12
ORANGE/BLACK - BLACK/ORANGE
21
BLUE/VIOLET - VIOLET/BLUE
4
BROWN/WHITE - WHITE/BROWN
13
GREEN/BLACK - BLACK/GREEN
22
ORANGE/VIOLET - VIOLET/ORANGE
5
SLATE/WHITE - WHITE/SLATE
14
BROWN/BLACK - BLACK/BROWN
23
GREEN/VIOLET - VIOLET/GREEN
6
BLUE/RED - RED/BLUE
15
SLATE/BLACK - BLACK/SLATE
24
BROWN/VIOLET - VIOLET/BROWN
7
ORANGE/RED - RED/ORANGE
16
BLUE/YELLOW - YELLOW/BLUE
25
SLATE/VIOLET - VIOLET/SLATE
8
GREEN/RED - RED/GREEN
17
ORANGE/YELLOW -
YELLOW/ORANGE
9
BROWN/RED - RED/BROWN
18
GREEN/YELLOW - YELLOW/GREEN
c)
Pair
2/Cond Cabled Together
(1) Twists:
9.6 Twists/foot (min)
2) Cable Assembly
25 Components Cabled
a) Twists:
1.8 Twists/foot (min)
3) Shield:
Alum/Mylar Tape, 25% Overlap, Min.
a) Foil Direction
Foil Facing Out
b) Drain Wire
24 (7/32) AWG TC
c)
Braid
TC,65% Coverage, Min.
4) Jacket
0.032" Wall, Nom.,PVC
0.523 (0.552 Max.)
a) Color(s)
SLATE
b) Print
ALPHA WIRE-* P/N 6372 25PR 24 AWG
SHIELDED 75C (UL) TYPE CM OR AWM 2464 --- LLXXXXXX
CSA TYPE CMG FT4
ROHS
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending upon plant of manufacture.]
B.
Industry Approvals
1) UL
AWM/STYLE 2464
80°C / 300 VRMS
CM
75°C
VW-1
2) CSA International
CMG
60°C
FT4
3) EU Directive 2002/95/EC(RoHS):
All materials used in the manufacture of this part are in compliance with EU
Directive 2002/95/EU regarding the restriction of use of certain hazardous
substances in electrical and electronic equipment. Consult Alpha Wire's web site for
compliance Date of Manufacture.
4) California Proposition 65:
The outer surface materials used in the manufacture of this part meet the
requirements of California Proposition 65.
C.
Physical & Mechanical Properties
1) Temperature Range
-20 to 80°C
2) Bend Radius
10X Cable Diameter
3) Pull Tension
188 Lbs, Maximum
D.
Electrical Properties
(For Engineering purposes only)
1) Voltage Rating
300 VRMS
2) Characteristic Impedance
75 Ω
3) Mutual Capacitance
30 pf/ft @1 kHz, Nominal
4) Ground Capacitance
50 pf/ft @1 kHz, Nominal
5) Conductor DCR
26 Ω/1000ft @20°C, Nominal
6) OA Shield DCR
2 Ω/1000ft @20°C, Nominal


Similar Part No. - 6372

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6372 ETC2-6372 Datasheet
63Kb / 2P
Male Mini-Connector
logo
3M Electronics
6372 3M-6372 Datasheet
58Kb / 2P
Male Mini-Connector
10-Jul-2002
logo
List of Unclassifed Man...
6372-45 ETC2-6372-45 Datasheet
64Kb / 2P
438 PCB Barrier Terminal Strip, 600V
6372-47 ETC2-6372-47 Datasheet
64Kb / 2P
438 PCB Barrier Terminal Strip, 600V
6372-49 ETC2-6372-49 Datasheet
64Kb / 2P
438 PCB Barrier Terminal Strip, 600V
More results

Similar Description - 6372

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
1134C ALPHAWIRE-1134C Datasheet
77Kb / 1P
CUSTOMER PRODUCT SPECIFICATION
1139C ALPHAWIRE-1139C Datasheet
77Kb / 1P
CUSTOMER PRODUCT SPECIFICATION
2212C ALPHAWIRE-2212C Datasheet
79Kb / 2P
CUSTOMER PRODUCT SPECIFICATION
2215C ALPHAWIRE-2215C Datasheet
79Kb / 2P
CUSTOMER PRODUCT SPECIFICATION
2243C ALPHAWIRE-2243C Datasheet
79Kb / 2P
CUSTOMER PRODUCT SPECIFICATION
2466C ALPHAWIRE-2466C Datasheet
76Kb / 1P
CUSTOMER PRODUCT SPECIFICATION
5227C ALPHAWIRE-5227C Datasheet
83Kb / 2P
CUSTOMER PRODUCT SPECIFICATION
6014C ALPHAWIRE-6014C Datasheet
85Kb / 2P
CUSTOMER PRODUCT SPECIFICATION
6373 ALPHAWIRE-6373 Datasheet
76Kb / 1P
CUSTOMER PRODUCT SPECIFICATION
6380 ALPHAWIRE-6380 Datasheet
74Kb / 1P
CUSTOMER PRODUCT SPECIFICATION
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com