Electronic Components Datasheet Search
  English  ▼

X  

2SK1409 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SK1409
Description  Drain Current ?밒D=20A@ TC=25C
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SK1409 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SK1409 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SK1409 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc N-Channel MOSFET Transistor
2SK1409
DESCRIPTION
·Drain Current
–I
D=20A@ TC=25℃
·Drain Source Voltage-
: VDSS=450 (Min)
APPLICATIONS
·Designed especially for high voltage,high speed applications,
such as off-line switching power supplies , UPS,AC and DC
motor controls,relay and solenoid drivers.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
ARAMETER
VALUE
UNI
T
VDSS
Drain-Source Voltage (VGS=0)
450
V
VGS
Gate-Source Voltage
±20
V
ID
Drain Current-continuous@ TC=25℃
20
A
Ptot
Total Dissipation@TC=25℃
250
W
Tj
Max. Operating Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
PDF pdfFactory Pro
www.fineprint.cn


Similar Part No. - 2SK1409

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK1400 HITACHI-2SK1400 Datasheet
49Kb / 9P
Silicon N-Channel MOS FET
logo
Renesas Technology Corp
2SK1400 RENESAS-2SK1400 Datasheet
83Kb / 7P
Silicon N Channel MOS FET
logo
Inchange Semiconductor ...
2SK1400 ISC-2SK1400 Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK1400-E RENESAS-2SK1400-E Datasheet
83Kb / 7P
Silicon N Channel MOS FET
logo
Hitachi Semiconductor
2SK1400A HITACHI-2SK1400A Datasheet
49Kb / 9P
Silicon N-Channel MOS FET
More results

Similar Description - 2SK1409

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
12N65 ISC-12N65 Datasheet
136Kb / 2P
Drain Current ?밒D= 12A@ TC=25C
2SK745 ISC-2SK745 Datasheet
67Kb / 2P
Drain Current ?밒D=20A@ TC=25C
2SK746 ISC-2SK746 Datasheet
63Kb / 2P
Drain Current ?밒D=20A@ TC=25C
2SK1017 ISC-2SK1017 Datasheet
69Kb / 2P
Drain Current ?밒D=20A@ TC=25C
2SK1411 ISC-2SK1411 Datasheet
67Kb / 2P
Drain Current ?밒D=20A@ TC=25C
2SK1450 ISC-2SK1450 Datasheet
68Kb / 2P
Drain Current ?밒D=20A@ TC=25C
2SK1517 ISC-2SK1517 Datasheet
67Kb / 2P
Drain Current ?밒D=20A@ TC=25C
2SK1518 ISC-2SK1518 Datasheet
67Kb / 2P
Drain Current ?밒D=20A@ TC=25C
2SK1679 ISC-2SK1679 Datasheet
67Kb / 2P
Drain Current ?밒D=20A@ TC=25C
2SK1680 ISC-2SK1680 Datasheet
67Kb / 2P
Drain Current ?밒D=20A@ TC=25C
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com