Electronic Components Datasheet Search
  English  ▼

X  

MIC5400 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5400
Description  Dual, 8-Output, 14-Bit LED Video Display Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5400 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5400 Datasheet HTML 1Page - Micrel Semiconductor MIC5400 Datasheet HTML 2Page - Micrel Semiconductor MIC5400 Datasheet HTML 3Page - Micrel Semiconductor MIC5400 Datasheet HTML 4Page - Micrel Semiconductor MIC5400 Datasheet HTML 5Page - Micrel Semiconductor MIC5400 Datasheet HTML 6Page - Micrel Semiconductor MIC5400 Datasheet HTML 7Page - Micrel Semiconductor MIC5400 Datasheet HTML 8Page - Micrel Semiconductor MIC5400 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MIC5400
Micrel
MIC5400
2
November 2002
Pin Description
Pin Number
Pin Name
Pin Function
Pin
Name
Function
1,2,3,4
A4,A3,A2,A1
Current Sink pins to be connected to LED cathodes
5
LOAD
If this pin is Low, the device acts as a shift register. When this pin is High,
only the first falling edge of the clock transfers data from the Shift-Register to
the Parallel Register. The next rising edge transfers data from the Status
Register to the Shift Register
6
SHFTCLK
Shift-register Clock Input
7
VDD
Positive Supply Voltage
8,22
GND
Ground
9
SHIFTIN
Shift-register Data Input
10
SHIFTOUT
Shift-register Data Output
11,12,13,14
B1,B2,B3,B4
Current Sink pins to be connected to LED cathodes
15,16,17,18
B5,B6,B7,B8
Current Sink pins to be connected to LED cathodes
19
VDDB
Analog Power source pins which provide current sense points for Channel A
and Channel B PNP emitter currents, independently.
20
BD_B
Base Drive Outputs for external PNP transistors. Feedback Loop compensa-
tion requires one external capacitor at each PNP transistor collector.
21
REF
Reference current output. Must be connected to an external resistor to set
the maximum current for the current sink outputs.
23
BD_A
Base Drive Outputs for external PNP transistors. Feedback Loop compensa-
tion requires one external capacitor at each PNP transistor collector.
24
VDDA
Analog Power source pins which provide current sense points for Channel A
and Channel B PNP emitter currents, independently.
25,26,27,28
A8,A7,A6,A5
Current Sink pins to be connected to LED cathodes
Pin Configuration
1
A4
A3
A2
A1
LOAD
SHFTCLK
VDD
GND
SHIFTIN
SHIFTOUT
28 A5
A6
A7
A8
VDDA
BD_A
GND
IREF
BD_B
VDDB
27
26
25
24
23
22
21
20
19
2
3
4
5
6
7
8
9
10
B1
B8
18
11
B2
B7
17
12
B3
B6
16
13
B4
B5
15
14
28-Lead SOIC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com