Electronic Components Datasheet Search
  English  ▼

X  

2SK1464 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SK1464
Description  Drain Current ?밒D=8A@ TC=25C
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SK1464 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SK1464 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SK1464 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc N-Channel MOSFET Transistor
2SK1464
DESCRIPTION
·Drain Current
–I
D=8A@ TC=25℃
·Drain Source Voltage-
: VDSS=900 (Min)
APPLICATIONS
·Designed especially for high voltage,high speed applications,
such as off-line switching power supplies , UPS,AC and DC
motor controls,relay and solenoid drivers.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
ARAMETER
VALUE
UNI
T
VDSS
Drain-Source Voltage (VGS=0)
900
V
VGS
Gate-Source Voltage
±30
V
ID
Drain Current-continuous@ TC=25℃
8
A
Ptot
Total Dissipation@TC=25℃
80
W
Tj
Max. Operating Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
PDF pdfFactory Pro
www.fineprint.cn


Similar Part No. - 2SK1464

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK1464 SANYO-2SK1464 Datasheet
97Kb / 3P
Very High-Speed Switching Applications
logo
Motorola, Inc
2SK1464 MOTOROLA-2SK1464 Datasheet
189Kb / 12P
THREE-TERMINAL MEDIUM CURRENT POSITIVE FIXED VOLTAGE REGULATORS
logo
Sanyo Semicon Device
2SK1464 SANYO-2SK1464_99 Datasheet
122Kb / 4P
Ultrahigh-Speed Switching Applications
More results

Similar Description - 2SK1464

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
8N80 ISC-8N80 Datasheet
154Kb / 2P
Drain Current ?밒D= 8A@ TC=25C
2SK756 ISC-2SK756 Datasheet
67Kb / 2P
Drain Current ?밒D=8A@ TC=25C
2SK1039 ISC-2SK1039 Datasheet
67Kb / 2P
Drain Current ?밒D=8A@ TC=25C
2SK934 ISC-2SK934 Datasheet
67Kb / 2P
Drain Current ?밒D=8A@ TC=25C
2SK1319 ISC-2SK1319 Datasheet
65Kb / 2P
Drain Current ?밒D= 8A@ TC=25C
2SK1320 ISC-2SK1320 Datasheet
65Kb / 2P
Drain Current ?밒D= 8A@ TC=25C
2SK1330 ISC-2SK1330 Datasheet
64Kb / 2P
Drain Current ?밒D=8A@ TC=25C
2SK1451 ISC-2SK1451 Datasheet
69Kb / 2P
Drain Current ?밒D=8A@ TC=25C
2SK1465 ISC-2SK1465 Datasheet
66Kb / 2P
Drain Current ?밒D=8A@ TC=25C
2SK1569 ISC-2SK1569 Datasheet
66Kb / 2P
Drain Current ?밒D=8A@ TC=25C
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com