Electronic Components Datasheet Search
  English  ▼

X  

MIC49150 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC49150
Description  1.5A Low Voltage LDO Regulator w/Dual Input Voltages
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC49150 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC49150 Datasheet HTML 1Page - Micrel Semiconductor MIC49150 Datasheet HTML 2Page - Micrel Semiconductor MIC49150 Datasheet HTML 3Page - Micrel Semiconductor MIC49150 Datasheet HTML 4Page - Micrel Semiconductor MIC49150 Datasheet HTML 5Page - Micrel Semiconductor MIC49150 Datasheet HTML 6Page - Micrel Semiconductor MIC49150 Datasheet HTML 7Page - Micrel Semiconductor MIC49150 Datasheet HTML 8Page - Micrel Semiconductor MIC49150 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MIC49150
Micrel
MIC49150
2
January 2002
Pin Configuration
1
2
3
4
8
7
6
5
GND
GND
GND
GND
EN/ADJ.
VBIAS
VIN
VOUT
Power MSOP-8 (MM)
Pin Description
MIC49150
MIC49150
MSOP8
S-Pak
Pin Name
Pin Function
1
1
Enable
Enable (Input): CMOS compatible input. Logic high = enable, logic low =
shutdown
ADJ.
Adjustable regulator feedback input. Connect to resistor voltage divider.
3
4
VIN
Input voltage which supplies current to the output power device.
4
5
VOUT
Regulator Output
2
2
VBIAS
Input Bias Voltage for powering all circuitry on the regulator with the excep-
tion of the output power device.
5/6/7/8
3
GND
Ground (TAB is connected to ground on S-Pak)
5 VOUT
4
VBIAS
3
2
VIN
1 EN/ADJ.
GND
5-Lead S-Pak (R)
Ordering Information
Part Number
Output Current
Voltage
Temperature Range
Package
MIC49150-0.9BMM
1.5A
0.9V
–40
°C to +125°C
Power MSOP-8
MIC49150-1.5BMM
1.5A
1.5V
–40
°C to +125°C
Power MSOP-8
MIC49150BMM
1.5A
ADJ.
–40
°C to +125°C
Power MSOP-8
MIC49150-0.9BR
1.5A
0.9V
–40
°C to +125°C
S-Pak-5
MIC49150-1.5BR
1.5A
1.5V
–40
°C to +125°C
S-Pak-5
MIC49150BR
1.5A
ADJ.
–40
°C to +125°C
S-Pak-5
Other voltages available. Contact Micrel for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com