Electronic Components Datasheet Search
  English  ▼

X  

MICRF005BM Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MICRF005BM
Description  115kbps, 800MHz - 1GHz UHF Receiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF005BM Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MICRF005BM Datasheet HTML 3Page - Micrel Semiconductor MICRF005BM Datasheet HTML 4Page - Micrel Semiconductor MICRF005BM Datasheet HTML 5Page - Micrel Semiconductor MICRF005BM Datasheet HTML 6Page - Micrel Semiconductor MICRF005BM Datasheet HTML 7Page - Micrel Semiconductor MICRF005BM Datasheet HTML 8Page - Micrel Semiconductor MICRF005BM Datasheet HTML 9Page - Micrel Semiconductor MICRF005BM Datasheet HTML 10Page - Micrel Semiconductor MICRF005BM Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MICRF005
Micrel
MICRF005
10
October 2001
Typical Applications
Figure 9 below illustrates a typical application for the
MICRF005 UHF receiver IC. Operation in this example is at
916.5MHz
Bill of Materials
Item
Part Number
Manufacturer
Description
Qty
U1
MICRF005
Micrel
UHF Receiver
1
C1, C4
Panasonic
4.7
µF Ceramic Cap
1
C2
Panasonic
0.47
µF Ceramic Cap
1
C3
Panasonic
0.1
µF Ceramic Cap
1
L1, L2
Coilcraft
[tbd]nH, Wire wound SMT inductors
1
Y1
13.3594MHz crystal
1
SEL0
T/R
VSSRF
REFOSC
VSSRF
NC
ANT
CAGC
VDDRF
NC
VDDBB
SHUT
CTH
DO
VSSBB
C3
CTH
C2
0.1
µF
C1
4.7
µF
L2
Z2
ANTENNA
50
Ω
L1
Z1
T/R Control
Y1
14.3359MHz
Data
Output
MICRF005
C1(CAGC)
0.47
µF
+5V
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com