Electronic Components Datasheet Search
  English  ▼

X  

2CL69 Datasheet(PDF) 2 Page - Anshan Suly Electronics

Part # 2CL69
Description  High voltage rectifier diodes 2CL69 adopts high reliable mesa structure and diffusion craftwork epoxy resin molded in a compact sturcture , .
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANSHAN [Anshan Suly Electronics]
Direct Link  http://www.hvdiode.com/
Logo ANSHAN - Anshan Suly Electronics

2CL69 Datasheet(HTML) 2 Page - Anshan Suly Electronics

  2CL69 Datasheet HTML 1Page - Anshan Suly Electronics 2CL69 Datasheet HTML 2Page - Anshan Suly Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Fig
L
Φ1
Products data sheet
Products data sheet
R
www hvdiode com
..
2
1
WX
ANSHAN SULY ELECTRONICS CO
LTD
.,
R
Φ1
Dimension
(:
)
Unit mm
A
2
3
L
Φ1
2
25
.
48
.
65
.
C
B
■
()
Dimension
■
()
Characteristics curve chart
(
)
2CL69
Forward characteristics
Reverse Characteristics
()
2CL69
()
()
2CL69
2CL69
Reverse Recovery Time Distribution
Avalanche Breakdown Voltage Distribution
0
918
5
0
VV
F
()
100℃
25℃
Ta 100
=℃
Ta 25
=℃
01234
100
10
1
01
.
.
.
.
001
0001
00001
VKV
R
()
80
60
40
20
0
70 80
90 100
80
60
40
20
0
56
Frequency
Frequency
■
()
Reverse Recovery Time Basic Test Circuit
VKV
R
()
Tns
rr
()



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com