Electronic Components Datasheet Search
  English  ▼

X  

2CL71 Datasheet(PDF) 1 Page - Anshan Suly Electronics

Part # 2CL71
Description  High voltage rectifier diodes 2CL71 adopts high reliable mesa structure and diffusion craftwork epoxy resin molded in a compact sturcture , .
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANSHAN [Anshan Suly Electronics]
Direct Link  http://www.hvdiode.com/
Logo ANSHAN - Anshan Suly Electronics

2CL71 Datasheet(HTML) 1 Page - Anshan Suly Electronics

  2CL71 Datasheet HTML 1Page - Anshan Suly Electronics 2CL71 Datasheet HTML 2Page - Anshan Suly Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Products data sheet
Products data sheet
2
1
WX
ANSHAN SULY ELECTRONICS CO
LTD
.,
R
R
www hvdiode com
..
2CL71
,。
High voltage rectifier diodes 2CL71 adopts high reliable mesa structure and diffusion
craftwork epoxy resin molded in a compact sturcture
,.
■
Feature
■
Application
●
,
Avalanche characteristic
●
●
●
More sizes to choose
Epoxy resin molded in nacuuum have anticorrosion in the surface
- ℃~+
℃
,
:- ℃~+
℃
40
150
Tj 40
150
●
●
●
●
,
High voltage rectifier
High voltage generator
General purpose
high voltage rectifier voltage multilier assembly
High voltage testing equipment
,
Electrical characteristics
(
)
■
2CL
2CL
Junction
Operating Temperature
Halfsine wave peak voltage
Operating Ambient
Temperature
Storage Temperature
Peak Reverse Current
Junction capacitance Max
Repetitive Peak Reverse
Voltage
VT 25
I 2 A
KV
RRM
a
R
=
℃= μ
Average Forward Current
I5
mA
O
Surge Forward Current
I
T
40 +120
FSM
stg
-
~
(-
,
=)
50Hz H alf
sine W ave
Resistance l oad
break
T
50℃
,
℃
50H
T50
z
break
=
A
Rated Value
Sign
Condition
Unit
Forward Peak Voltage Max
V
I
200mA
V
T
I
5mA
100
nS
FM
F
rr
F
=
=
Reverse Recovery Time Max
IR
R
RRM
1
VV
25
=,
℃
I
V
V
100
5 0
R2
R
RRM
=,
℃
.
μA
Cj
μF
71
■
(
)
Maximum ratings
8
71
02
.
℃
125
100
Tj
Tc
℃
℃
25
μA
20
.
20
.


Similar Part No. - 2CL71

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
2CL71 EDI-2CL71 Datasheet
56Kb / 1P
HIGH VOLTAGE, LOW CURRENT SILICON RECTIFIER DIODES
logo
GETAI ELECTRONICS DEVIC...
2CL71 GETEDZ-2CL71 Datasheet
68Kb / 1P
5mA 8kV HIGH VOLTAGE DIODES
logo
SUNMATE electronic Co.,...
2CL71 SUNMATE-2CL71 Datasheet
204Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
logo
American Microsemicondu...
2CL71 AMMSEMI-2CL71 Datasheet
558Kb / 4P
High Voltage Diodes
logo
Diotec Semiconductor
2CL71 DIOTEC-2CL71 Datasheet
148Kb / 2P
Ultrafast Recovery High Voltage Rectifier Diodes
More results

Similar Description - 2CL71

ManufacturerPart #DatasheetDescription
logo
Anshan Suly Electronics
H.QL5-400KV-2.0A ANSHAN-H.QL5-400KV-2.0A Datasheet
201Kb / 2P
High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
H.QLG5-500KV-0.05A ANSHAN-H.QLG5-500KV-0.05A Datasheet
202Kb / 2P
High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
H.QLG5-500KV-0.5A ANSHAN-H.QLG5-500KV-0.5A Datasheet
220Kb / 2P
High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
3QL5-500KV-0.1A ANSHAN-3QL5-500KV-0.1A Datasheet
163Kb / 2P
High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
3QL5-500KV-1.5A ANSHAN-3QL5-500KV-1.5A Datasheet
163Kb / 2P
High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
2CL69 ANSHAN-2CL69 Datasheet
350Kb / 2P
High voltage rectifier diodes 2CL69 adopts high reliable mesa structure and diffusion craftwork epoxy resin molded in a compact sturcture , .
2CL70 ANSHAN-2CL70 Datasheet
348Kb / 2P
High voltage rectifier diodes 2CL70 adopts high reliable mesa structure and diffusion craftwork epoxy resin molded in a compact sturcture , .
2CL72 ANSHAN-2CL72 Datasheet
347Kb / 2P
High voltage rectifier diodes 2CL72 adopts high reliable mesa structure and diffusion craftwork epoxy resin molded in a compact sturcture , .
2CL73 ANSHAN-2CL73 Datasheet
347Kb / 2P
High voltage rectifier diodes 2CL73 adopts high reliable mesa structure and diffusion craftwork epoxy resin molded in a compact sturcture , .
2CL74 ANSHAN-2CL74 Datasheet
346Kb / 2P
High voltage rectifier diodes 2CL74 adopts high reliable mesa structure and diffusion craftwork epoxy resin molded in a compact sturcture
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com