Electronic Components Datasheet Search
  English  ▼

X  

MOC3030 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MOC3030
Description  OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MOC3030 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MOC3030 Datasheet HTML 1Page - List of Unclassifed Manufacturers MOC3030 Datasheet HTML 2Page - List of Unclassifed Manufacturers MOC3030 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DB92006m-AAS/A4
19/12/01
0.05
-30
0
25
50
75
100
125
Ambient temperature T
A ( °C )
0
Ambient temperature T
A ( °C )
60
30
20
10
0
40
50
-30
0
25
50
75
100
125
RMS On-state Current vs. Ambient Temperature
Forward Current vs. Ambient Temperature
-30
0
25
50
75
100
Ambient temperature T
A ( °C )
Normalised Input Trigger Current
vs. Ambient Temperature
0.1
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Normalised Repetitive Peak Off-state
Voltage vs. Ambient Temperature
-30
0
25
50
75
100
Ambient temperature T
A ( °C )
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
On-state Voltage vs. Ambient Temperature
-30
0
25
50
75
100
Ambient temperature T
A ( °C )
0.4
0.8
1.2
1.6
2.0
2.4
2.8
Normalised
to T
A = 25°C
0
On-state Current vs. On-state Voltage
0
0.4
0.8
1.2
1.6
2.0
On-state voltage V
TM (V)
80
60
40
20
100
Normalised
to T
A = 25°C
I
F = 20mA
T
A = 25°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com