Electronic Components Datasheet Search
  English  ▼

X  

NBC12429 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NBC12429
Description  3.3V/5V Programmable PLL Synthesized Clock Generator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBC12429 Datasheet(HTML) 2 Page - ON Semiconductor

  NBC12429 Datasheet HTML 1Page - ON Semiconductor NBC12429 Datasheet HTML 2Page - ON Semiconductor NBC12429 Datasheet HTML 3Page - ON Semiconductor NBC12429 Datasheet HTML 4Page - ON Semiconductor NBC12429 Datasheet HTML 5Page - ON Semiconductor NBC12429 Datasheet HTML 6Page - ON Semiconductor NBC12429 Datasheet HTML 7Page - ON Semiconductor NBC12429 Datasheet HTML 8Page - ON Semiconductor NBC12429 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
NBC12429
http://onsemi.com
2
9- BIT SR
2- BIT SR
3- BIT SR
B 16
Figure 1. NBC12429 Block Diagram (28-Lead PLCC)
10-20 MHz
S_LOAD
P_LOAD
S_DATA
S_CLOCK
XTAL1
XTAL2
OSC
4
5
PHASE
DETECTOR
28
7
9-BIT
B M
COUNTER
LATCH
VCO
B N
(1, 2, 4, 8)
LATCH
200-400
MHz
FOUT
FOUT
+3.3 or 5.0 V
21, 25
24
23
VCC
LATCH
TEST
20
+3.3 or 5.0 V
PLL_VCC
1 MHz
FREF
01
27
26
01
M[8:0]
9
8 ¡ 16
N[1:0]
2
17, 18
22, 19
OE
6
1
N[1]
N[0]
M[8]
M[7]
M[6]
M[5]
M[4]
XTAL1
NC
NC
PLL_VCC
S_LOAD
S_DATA
S_CLOCK
Figure 2. 28-Lead PLCC (Top View)
Figure 3. 32-Lead LQFP (Top View)
N/C
N[1]
N[0]
M[8]
M[7]
M[6]
M[5]
N/C
N/C
PLL_VCC
PLL_VCC
S_LOAD
S_DATA
S_CLOCK
M[4]
XTAL1
26
27
28
1
2
3
4
18
17
16
15
14
13
12
56
7
8
9
10
11
25
24
23
22
21
20
19
1
2
3
4
5
6
7
8
9
10
11
1213
1415
16
24
23
22
21
20
19
18
17
32
31
30
29
28
27
26
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com