Electronic Components Datasheet Search
  English  ▼

X  

PCA9515 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9515
Description  I2C-bus repeater
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9515 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9515 Datasheet HTML 1Page - NXP Semiconductors PCA9515 Datasheet HTML 2Page - NXP Semiconductors PCA9515 Datasheet HTML 3Page - NXP Semiconductors PCA9515 Datasheet HTML 4Page - NXP Semiconductors PCA9515 Datasheet HTML 5Page - NXP Semiconductors PCA9515 Datasheet HTML 6Page - NXP Semiconductors PCA9515 Datasheet HTML 7Page - NXP Semiconductors PCA9515 Datasheet HTML 8Page - NXP Semiconductors PCA9515 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Philips Semiconductors
Product data sheet
PCA9515
I2C-bus repeater
2
2004 Jun 24
DESCRIPTION
The PCA9515 is a BiCMOS integrated circuit intended for
application in I2C and SMBus systems.
While retaining all the operating modes and features of the I2C
system it permits extension of the I2C-bus by buffering both the data
(SDA) and the clock (SCL) lines, thus enabling two buses of 400 pF.
The I2C-bus capacitance limit of 400 pF restricts the number of
devices and bus length. Using the PCA9515 enables the system
designer to isolate two halves of a bus, thus more devices or longer
length can be accommodated. It can also be used to run two buses,
one at 5 V and the other at 3.3 V or a 400 kHz and 100 kHz bus,
where the 100 kHz bus is isolated when 400 kHz operation of the
other is required.
Two or more PCA9515s cannot be put in series. The PCA9515
design does not allow this configuration. Since there is no direction
pin, slightly different “legal” low voltage levels are used to avoid
lock-up conditions between the input and the output. A “regular low”
applied at the input of a PCA9515 will be propagated as a “buffered
low” with a slightly higher value. When this “buffered low” is applied
to another PCA9515, PCA9516, or PCA9518 in series, the second
PCA9515, PCA9516, or PCA9518 will not recognize it as a “regular
low” and will not propagate it as a “buffered low” again. The
PCA9511/9513/9514 and PCA9512 cannot be used in series with
the PCA9515, PCA9516, or PCA9518 but can be used in series with
themselves since they use shifting instead of static offsets to avoid
lock-up conditions.
FEATURES
• 2 channel, bi-directional buffer
• I2C-bus and SMBus compatible
• Active-HIGH repeater enable input
• Open-drain input/outputs
• Lock-up free operation
• Supports arbitration and clock stretching across the repeater
• Accommodates standard mode and fast mode I2C devices and
multiple masters
• Powered-off high impedance I2C pins
• Operating supply voltage range of 3.0 V to 3.6 V
• 5.5 V tolerant I2C and enable pins
• 0 to 400 kHz clock frequency1
• ESD protection exceeds 2000 V HBM per JESD22-A114,
200 V MM per JESD22-A115, and 1000 V CDM per
JESD22-C101.
• Latch-up testing is done to JEDEC Standard JESD78 which
exceeds 100 mA.
• Package offerings: SO and TSSOP
PIN CONFIGURATION
1
2
3
4
n.c.
GND
SDA0
SCL1
SDA1
EN
5
6
7
8
VCC
SCL0
SU01322
Figure 1. Pin configuration
PIN DESCRIPTION
PIN
SYMBOL
FUNCTION
1
n.c.
No connection
2
SCL0
Serial clock bus 0
3
SDA0
Serial data bus 0
4
GND
Supply ground
5
EN
Active high repeater enable input
6
SDA1
Serial data bus 1
7
SCL1
Serial clock bus 1
8
VCC
Supply power
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
TOPSIDE MARK
DRAWING NUMBER
8-pin plastic SO
–40
°C to +85 °C
PCA9515D
PCA9515
SOT96-1
8-pin plastic TSSOP
–40
°C to +85 °C
PCA9515DP
9515
SOT505-1
Standard packing quantities and other packaging data is available at www.philipslogic.com/packaging.
1.
The maximum system operating frequency may be less than 400 kHz because of the delays added by the repeater.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com