Electronic Components Datasheet Search
  English  ▼

X  

PJ494CD Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # PJ494CD
Description  Switchmode Pulse Width Modulation Control Circuit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PJ494CD Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button PJ494CD Datasheet HTML 3Page - List of Unclassifed Manufacturers PJ494CD Datasheet HTML 4Page - List of Unclassifed Manufacturers PJ494CD Datasheet HTML 5Page - List of Unclassifed Manufacturers PJ494CD Datasheet HTML 6Page - List of Unclassifed Manufacturers PJ494CD Datasheet HTML 7Page - List of Unclassifed Manufacturers PJ494CD Datasheet HTML 8Page - List of Unclassifed Manufacturers PJ494CD Datasheet HTML 9Page - List of Unclassifed Manufacturers PJ494CD Datasheet HTML 10Page - List of Unclassifed Manufacturers PJ494CD Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
PJ494
Switchmode Pulse Width Modulation Control Circuit
9-11
2002/11.rev.A
Figure 20. Pulse Width Modulated Push-Pull Converter
Test
Condition
Result
Line Regilation
VIN = 10V to 40V
14mV 0.28%
Load Regilation
VIN = 28V, Io =1.0mA to 10A
3.0mV 0.06%
Output Ripple
VIN = 28V, Io =1.0A
65mV pp P.A.R.D
Short Circuit Current
VIN = 29V, RL=0.1Ω
1.6A
Efficiency
VIN = 28V, Io =1.0A
71%
L1 – 3.5mH @ 0.3A
T1 – Primary : 20T C.T. #28 AWG
Secondary : 120T C.T. #36 AWG
Core : Ferroxcube 1408P-L00-3CB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com