Electronic Components Datasheet Search
  English  ▼

X  

2SK1652 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SK1652
Description  Drain Current ?밒D=13A@ TC=25C
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SK1652 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SK1652 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SK1652 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc N-Channel MOSFET Transistor
2SK1652
DESCRIPTION
·Drain Current
–I
D=13A@ TC=25℃
·Drain Source Voltage-
: VDSS=500 (Min)
APPLICATIONS
·high voltage,high speed applications,
such as switching regulators, converters,
solenoid and relay drivers.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
ARAMETER
VALUE
UNI
T
VDSS
Drain-Source Voltage (VGS=0)
500
V
VGS
Gate-Source Voltage
±30
V
ID
Drain Current-continuous@ TC=25℃
13
A
Ptot
Total Dissipation@TC=25℃
85
W
Tj
Max. Operating Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
th j-c
Thermal Resistance,Junction to Case
1.25
℃/W
th j-a
Thermal Resistance,Junction to Ambient
35.0
℃/W
PDF pdfFactory Pro
www.fineprint.cn


Similar Part No. - 2SK1652

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK1650 ISC-2SK1650 Datasheet
67Kb / 2P
Drain Current ?밒D=4A@ TC=25C
2SK1653 ISC-2SK1653 Datasheet
296Kb / 2P
isc N-Channel MOSFET Transistor
logo
NEC
2SK1656 NEC-2SK1656 Datasheet
1Mb / 6P
N-CHANNEL MOS FET FOR SWITCHING
logo
Renesas Technology Corp
2SK1656 RENESAS-2SK1656 Datasheet
562Kb / 9P
MOS FIELD F! FECT TRANSISTOR
1991
logo
NEC
2SK1657 NEC-2SK1657 Datasheet
359Kb / 6P
N-CHANNEL MOS FET FOR SWITCHING
More results

Similar Description - 2SK1652

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
12N65 ISC-12N65 Datasheet
136Kb / 2P
Drain Current ?밒D= 12A@ TC=25C
65N06 ISC-65N06 Datasheet
136Kb / 2P
Drain Current ?밒D=63A@ TC=25C
13N50 ISC-13N50 Datasheet
136Kb / 2P
Drain Current ID= 13A@ TC=25C
2SK529 ISC-2SK529 Datasheet
66Kb / 2P
Drain Current ?밒D=2A@ TC=25C
75NF75 ISC-75NF75 Datasheet
111Kb / 2P
Drain Current ?밒D= 80A@ TC=25C
2SK631 ISC-2SK631 Datasheet
64Kb / 2P
Drain Current ?밒D=10A@ TC=25C
2SK635 ISC-2SK635 Datasheet
64Kb / 2P
Drain Current ?밒D=3A@ TC=25C
2SK1013 ISC-2SK1013 Datasheet
69Kb / 2P
Drain Current ?밒D=13A@ TC=25C
2SK1607 ISC-2SK1607 Datasheet
67Kb / 2P
Drain Current ?밒D=13A@ TC=25C
2SK1610 ISC-2SK1610 Datasheet
67Kb / 2P
Drain Current ?밒D=13A@ TC=25C
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com