Electronic Components Datasheet Search
  English  ▼

X  

SCAN928028 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # SCAN928028
Description  8 Channel 10:1 Serializer with IEEE 1149.1 and At-Speed BIST
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCAN928028 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button SCAN928028 Datasheet HTML 10Page - National Semiconductor (TI) SCAN928028 Datasheet HTML 11Page - National Semiconductor (TI) SCAN928028 Datasheet HTML 12Page - National Semiconductor (TI) SCAN928028 Datasheet HTML 13Page - National Semiconductor (TI) SCAN928028 Datasheet HTML 14Page - National Semiconductor (TI) SCAN928028 Datasheet HTML 15Page - National Semiconductor (TI) SCAN928028 Datasheet HTML 16Page - National Semiconductor (TI) SCAN928028 Datasheet HTML 17Page - National Semiconductor (TI) SCAN928028 Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
Pin Descriptions (Continued)
Pin Number
Name
Type
Description
G5, G8, G9, H5, H6, H8, H9,
J5, J6, J7, J9, J10
NC (1:12)
No connect.
C1, D1
PGND
PLL ground.
D2, D3
PVDD
PLL power supply.
N1, N2, N13, M1, M2, M12,
P13, P14
PWDN (0:7)
3.3 V
CMOS
I
Individual Powerdown. PWDN (0:7) driven low puts individual
serializers into TRI-STATE, low power ’sleep’ mode. Default at
Low.
J8, K5, K7, K8, K9, L1, L2,
N12
SYNC (0:7)
3.3 V
CMOS
I
SYNC pattern enable. When driven high for a mininum of 4
cycles, SYNC patterns will be transmitted on the Bus LVDS
serial output. The SYNC pattern sent by the serializer consists
of six ones and six zeros switching at the input clock rate.
SYNC pattern continues to be sent if SYNC continues at high.
Default at Low. See Functional Description.
C13
TCK
Test Clock Input to support IEEE 1149.1
B14
TDI
Test Data Input to support IEEE 1149.1. There is an internal
pullup resistor that defaults this input to high per IEEE 1149.1.
C14
TDO
Test Data Output to support IEEE 1149.1
A14
TMS
Test Mode Select Input to support IEEE 1149.1. There is an
internal pullup resistor that defaults this input to high per IEEE
1149.1.
C12
TRSTN
Test Reset Input to support IEEE 1149.1. There is an internal
pullup resistor that defaults this input to high per IEEE 1149.1.
F14
TCLK
3.3 V
CMOS
I
Transmit Clock. Input for 25MHz - 66 MHz (nominal) system
clock.
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com