Electronic Components Datasheet Search
  English  ▼

X  

SFH6136 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SFH6136
Description  High Speed Optocoupler, 1 MBd, Transistor Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH6136 Datasheet(HTML) 2 Page - Vishay Siliconix

  SFH6136 Datasheet HTML 1Page - Vishay Siliconix SFH6136 Datasheet HTML 2Page - Vishay Siliconix SFH6136 Datasheet HTML 3Page - Vishay Siliconix SFH6136 Datasheet HTML 4Page - Vishay Siliconix SFH6136 Datasheet HTML 5Page - Vishay Siliconix SFH6136 Datasheet HTML 6Page - Vishay Siliconix SFH6136 Datasheet HTML 7Page - Vishay Siliconix SFH6136 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
2
Document Number 83668
Rev. 1.4, 27-Apr-04
VISHAY
SFH6135/ SFH6136
Vishay Semiconductors
Output
Coupler
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
Input
Parameter
Test condition
Symbol
Value
Unit
Supply voltage
VS
- 0.5 to 30
V
Output voltage
VO
- 0.5 to 25
V
Emitter-base voltage
VEBO
5.0
V
Output current
IO
8.0
mA
Maximum output current
IO
16
mA
Base current
IB
5.0
mA
Thermal resistance
Rthja
300
K/W
Power dissipation
Tamb = 70 °C
Pdiss
100
mW
Parameter
Test condition
Symbol
Value
Unit
Isolation test voltage
VISO
5300
VRMS
Pollution degree (DIN VDE
0110)
2
Creepage
≥ 7.0
mm
Clearance
≥ 7.0
mm
Comparative tracking index per
DIN IEC 112/VDE 0303 part 1
175
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
≥ 1012
Ω
VIO = 500 V, Tamb = 100 °C
RIO
≥ 1011
Ω
Storage temperature range
Tstg
- 55 to + 125
°C
Ambient temperature range
Tamb
- 55 to + 100
°C
Soldering temperature
max.
≤10 s, dip soldering
≥ 0.5 mm distance from case
bottom
Tsld
260
°C
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 16 mA
VF
1.6
1.9
V
Breakdown voltage
IR = 10 µAVBR
3.0
V
Reverse current
VR = 3.0 V
IR
0.5
10
µA
Capacitance
VR = 0 V, f = 1.0 MHz
CO
125
pF
Temperature coefficient of
forward voltage
IF = 16 mA
∆VF/∆Tamb
1.7
mV/°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com