Electronic Components Datasheet Search
  English  ▼

X  

SFH6705 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SFH6705
Description  High Speed Optocoupler, 5 MBd, 1 kV/us dV/dt
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH6705 Datasheet(HTML) 2 Page - Vishay Siliconix

  SFH6705 Datasheet HTML 1Page - Vishay Siliconix SFH6705 Datasheet HTML 2Page - Vishay Siliconix SFH6705 Datasheet HTML 3Page - Vishay Siliconix SFH6705 Datasheet HTML 4Page - Vishay Siliconix SFH6705 Datasheet HTML 5Page - Vishay Siliconix SFH6705 Datasheet HTML 6Page - Vishay Siliconix SFH6705 Datasheet HTML 7Page - Vishay Siliconix SFH6705 Datasheet HTML 8Page - Vishay Siliconix SFH6705 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
www.vishay.com
2
Document Number 83683
Rev. 1.3, 27-Apr-04
VISHAY
SFH6700/ 01/ 02/ 05/ 11/ 12/ 19
Vishay Semiconductors
Truth Table (Positive Logic)
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Stresses in excess of the absolute Maximum Ratings can cause permanent damage to the device. Functional operation of the device is
not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
Maximum Rating for extended periods of the time can adversely affect reliability.
Input
Output
Coupler
IR Diode
Enable
Output
SFH6700
on
H
Z
off
H
Z
SFH6719
on
L
H
off
L
L
SFH6701
on
H
off
L
SFH6702
on
H
off
L
SFH6705
on
H
off
L
SFH6711
on
H
off
L
SFH6712
on
H
off
L
Parameter
Test condition
Symbol
Value
Unit
Reverse voltage
VR
3.0
V
DC Forward current
IF
10
mA
Surge forward current
t
≤ 1.0 µsIFSM
1.0
A
Power dissipation
Pdiss
20
mW
Parameter
Test condition
Symbol
Value
Unit
Supply voltage
VCC
- 0.5 to + 15
V
Three state enable voltage
(SFH6700/19 only)
VEN
- 0.5 to + 15
V
Output voltage
VO
- 0.5 to + 15
V
Average output current
IO
25
mA
Power dissipation
Pdiss
100
mW
Parameter
Test condition
Symbol
Value
Unit
Storage temperature range
Tstg
- 55 to + 125
°C
Ambient temperature range
Tamb
- 40 to + 85
°C
Lead soldering temperature
t = 10 s
Tsld
260
°C
Isolation test voltage
VISO
5300
VRMS
Pollution degree
2.0
Creepage distance and
clearance
Standard lead bending
7.0
mm
Options 6, 7, 9
8.0
mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com