Electronic Components Datasheet Search
  English  ▼

X  

SED1565DBB Datasheet(PDF) 6 Page - Epson Company

Part # SED1565DBB
Description  Direct display of RAM data through the display data RAM
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

SED1565DBB Datasheet(HTML) 6 Page - Epson Company

Back Button SED1565DBB Datasheet HTML 2Page - Epson Company SED1565DBB Datasheet HTML 3Page - Epson Company SED1565DBB Datasheet HTML 4Page - Epson Company SED1565DBB Datasheet HTML 5Page - Epson Company SED1565DBB Datasheet HTML 6Page - Epson Company SED1565DBB Datasheet HTML 7Page - Epson Company SED1565DBB Datasheet HTML 8Page - Epson Company SED1565DBB Datasheet HTML 9Page - Epson Company SED1565DBB Datasheet HTML 10Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 87 page
background image
SED1565 Series
8–4
EPSON
Chip Size
10.82 mm
× 2.81 mm
Bump Pitch
71
µm (Min.)
Bump Size
PAD No. 1~24
85
µm × 85 µm
PAD No. 25~82
64
µm × 85 µm
PAD No. 83~99
85
µm × 85 µm
PAD No. 100
85
µm × 73 µm
PAD No. 101~133
85
µm × 47 µm
PAD No. 134
85
µm × 73 µm
PAD No. 135
73
µm × 85 µm
PAD No. 136~273
47
µm × 85 µm
PAD No. 274
73
µm × 85 µm
PAD No. 275
85
µm × 73 µm
PAD No. 276~308
85
µm × 47 µm
PAD No. 309
85
µm × 73 µm
Bump Height
17
µm (Typ.)
Chip Thickness
625
µm
SED1565 Series
(0, 0)
100
99
1
135
274
134
309
275
Die No.
PIN DIMENSIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com