Electronic Components Datasheet Search
  English  ▼

X  

DM11H Datasheet(PDF) 21 Page - Silicon Touch Technology Inc.

Part # DM11H
Description  Maximum output voltage: 17V
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM11H Datasheet(HTML) 21 Page - Silicon Touch Technology Inc.

Back Button DM11H Datasheet HTML 15Page - Silicon Touch Technology Inc. DM11H Datasheet HTML 16Page - Silicon Touch Technology Inc. DM11H Datasheet HTML 17Page - Silicon Touch Technology Inc. DM11H Datasheet HTML 18Page - Silicon Touch Technology Inc. DM11H Datasheet HTML 19Page - Silicon Touch Technology Inc. DM11H Datasheet HTML 20Page - Silicon Touch Technology Inc. DM11H Datasheet HTML 21Page - Silicon Touch Technology Inc. DM11H Datasheet HTML 22Page - Silicon Touch Technology Inc. DM11H Datasheet HTML 23Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
8-bit Constant Current LED Driver with Error Detection
Version:PRE.002
Page 20
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM11H
Package Outline Dimension
SOP16 (exposed pad)
DIMENSION IN MM
DIMENSION IN INCH
SYMBOL
MIN
TYP
MAX
MIN
TYP
MAX
A
1.346
-
1.753
0.053
-
0.069
A1
0.051
-
0.152
0.002
-
0.006
A2
1.245
-
1.651
0.061
0.065
b
0.406 BSC
0.406 BSC
c
0.203 BSC
0.203 BSC
D
9.804
-
10.008 0.386
-
0.394
E
3.810
-
3.988
0.150
-
0.157
e
1.270 BSC
1.270 BSC
H
5.791
-
6.198
0.228
-
0.244
L
0.406
-
1.270
0.016
-
0.050
θ°
0
-
8
0
-
8
PAD SIZE1
(95×18E)
E1
1.930
-
2.413
0.076
-
0.095
D1
3.658
-
4.572
0.144
-
0.180



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com