Electronic Components Datasheet Search
  English  ▼

X  

DM631B Datasheet(PDF) 2 Page - Silicon Touch Technology Inc.

Part # DM631B
Description  Maximum output voltage: 17V
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM631B Datasheet(HTML) 2 Page - Silicon Touch Technology Inc.

  DM631B Datasheet HTML 1Page - Silicon Touch Technology Inc. DM631B Datasheet HTML 2Page - Silicon Touch Technology Inc. DM631B Datasheet HTML 3Page - Silicon Touch Technology Inc. DM631B Datasheet HTML 4Page - Silicon Touch Technology Inc. DM631B Datasheet HTML 5Page - Silicon Touch Technology Inc. DM631B Datasheet HTML 6Page - Silicon Touch Technology Inc. DM631B Datasheet HTML 7Page - Silicon Touch Technology Inc. DM631B Datasheet HTML 8Page - Silicon Touch Technology Inc. DM631B Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC
.
新竹市科學園區展業一路9號7樓之1
9-7F-1, Prosperity RoadⅠ, Hsin-Chu, Taiwan, R.O.C.
Tel:886-3-5645656
Fax:886-3-5645626
16-channel 12-bit PWM Constant Current LED Driver
Version:PRE.001
Preliminary
Page 1
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM631B
DM631B
16-CHANNEL CONSTANT CURRENT LED DRIVER
WITH 12-bit PROGRAMMABLE PWM OUTPUTS
General Description
DM631B is a 16-channel constant current sink LED driver. Each channel has independent
12-bits (4096 steps) grayscale PWM control current outputs. It incorporates shift registers, data
latches, constant current circuitry with current value set by an external resistor, and built-in LED
open detection circuit to detect error status. It combines the selections with rising / falling edge
serial out, auto-reload/one-shot PWM output, internal/external grayscale clock source. It is
specifically designed for LED display or lighting applications.
Features
Constant-current outputs: 5mA to 60mA adjustable by one external resistor
12-bit linear PWM control current outputs for each channel
Maximum output voltage: 17V
Maximum clock frequency: 25MHz
Auto-Reload / One-Shot Mode selection.
Serial out clock edge selection – Rising / Falling edge selection
Internal / External PWM clock mode selection
Built-in real-time open detection
Package and pin assignment compatible to conventional LED drivers
(DM134/5/6, DM13C)
Power supply voltage: 3.3V to 5V
Schmitt Trigger input
Output channel delay
Applications
Indoor/Outdoor LED Video Display
LED Variable Message Signs (VMS) System
LED Decorative Lighting
Package Types
DIP24B, SOP24B, SSOP24, TSSOP24E (with exposed pad)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com