Electronic Components Datasheet Search
  English  ▼

X  

DM632C Datasheet(PDF) 20 Page - Silicon Touch Technology Inc.

Part # DM632C
Description  Maximum output voltage: 17V
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM632C Datasheet(HTML) 20 Page - Silicon Touch Technology Inc.

Back Button DM632C Datasheet HTML 16Page - Silicon Touch Technology Inc. DM632C Datasheet HTML 17Page - Silicon Touch Technology Inc. DM632C Datasheet HTML 18Page - Silicon Touch Technology Inc. DM632C Datasheet HTML 19Page - Silicon Touch Technology Inc. DM632C Datasheet HTML 20Page - Silicon Touch Technology Inc. DM632C Datasheet HTML 21Page - Silicon Touch Technology Inc. DM632C Datasheet HTML 22Page - Silicon Touch Technology Inc. DM632C Datasheet HTML 23Page - Silicon Touch Technology Inc. DM632C Datasheet HTML 24Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
16-channel 16-bit PWM Constant Current LED Driver
Version:A.001
Page 19
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM632C
D
24
13
12
1
b
e
0.004
A
C
DETAIL A
L
L1
SEATING PLANE
GAUGE PLANE
Package Outline Dimension
DM632C-SSOP
DIMENSIONS IN INCH DIMENSIONS IN MM
SYMBOLS
MIN.
MAX.
MIN.
MAX.
A
0.053
0.069
1.346
1.753
A1
0.004
0.010
0.102
0.254
A2
-
0.059
-
1.499
b
0.008
0.012
0.203
0.305
C
0.007
0.010
0.178
0.254
D
0.337
0.344
8.560
8.738
E
0.228
0.244
5.791
6.198
E1
0.150
0.157
3.810
3.988
e
0.025 BSC.
0.635 BSC
L
0.016
0.050
0.406
1.270
L1
0.041 BSC
1.041 BSC
Θ
0°
8°
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com