Electronic Components Datasheet Search
  English  ▼

X  

FD178A Datasheet(PDF) 2 Page - Silicon Touch Technology Inc.

Part # FD178A
Description  Built-in Hall sensor input signal amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

FD178A Datasheet(HTML) 2 Page - Silicon Touch Technology Inc.

  FD178A Datasheet HTML 1Page - Silicon Touch Technology Inc. FD178A Datasheet HTML 2Page - Silicon Touch Technology Inc. FD178A Datasheet HTML 3Page - Silicon Touch Technology Inc. FD178A Datasheet HTML 4Page - Silicon Touch Technology Inc. FD178A Datasheet HTML 5Page - Silicon Touch Technology Inc. FD178A Datasheet HTML 6Page - Silicon Touch Technology Inc. FD178A Datasheet HTML 7Page - Silicon Touch Technology Inc. FD178A Datasheet HTML 8Page - Silicon Touch Technology Inc. FD178A Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Single Coil Brushless DC Motor Drivers with Soft-Switching and PWM control
Version
:A.010
Page
:1
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
FD178A/FD178B/FD178C
General Specifications
Designed for rotation speed control of single coil DC brushless fans, the FD178
series motor drivers minimize external component count and integrate all the key features
required for high efficiency and low noise fans.
Specifically PWM control and soft
switching are provided to control the rotation speed and reduce the audible noise.
Internal circuit protection includes thermal shutdown with hysteresis, rotor lock protection,
and reverse power polarity protection. Three frequency generation (FGR pin) options are
provided for different fan configurations - FG (FGR signal following Hall sensor output
frequency), FG/2 (divided by two version of FG), and RD (rotation detection) for FD178A,
FD178B, and FD178C respectively.
Features and Benefits
Support single-phase full wave Brushless DC Motor Driver
Built-in Hall sensor input signal amplifier
PWM control circuit
Low voltage startup (VDD=2V)
High driving capability
Lock detection and automatic self-restart
Power polarity reverse protection
Thermal shut down protection circuit
Thin, compact, highly reliable package (TSOT-28)
Pin Description
FD178A/FD178B/FD178C:TSOT-28
Package : TSOT-28
NO.
NAME
DESCRIPTION
1
O1
Output driving & sinking pin 1
2
VSS
Ground pin
3
FGR
Frequency generator or rotating detector
FD178:FG
FD178B:FG/2
FD178C:RD
4
HP
Hall sensor in+
5
HN
Hall sensor in-
6
PWM
PWM control pin
7
VDD
Power supply pin
8
O2
Output driving & sinking pin 2
O1
O2
VSS
VDD
HN
HP
PWM
FGR
TSOT



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com