Electronic Components Datasheet Search
  English  ▼

X  

PS257 Datasheet(PDF) 7 Page - Silicon Touch Technology Inc.

Part # PS257
Description  Fault-protection output with open drain output stage
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

PS257 Datasheet(HTML) 7 Page - Silicon Touch Technology Inc.

Back Button PS257 Datasheet HTML 3Page - Silicon Touch Technology Inc. PS257 Datasheet HTML 4Page - Silicon Touch Technology Inc. PS257 Datasheet HTML 5Page - Silicon Touch Technology Inc. PS257 Datasheet HTML 6Page - Silicon Touch Technology Inc. PS257 Datasheet HTML 7Page - Silicon Touch Technology Inc. PS257 Datasheet HTML 8Page - Silicon Touch Technology Inc. PS257 Datasheet HTML 9Page - Silicon Touch Technology Inc. PS257 Datasheet HTML 10Page - Silicon Touch Technology Inc. PS257 Datasheet HTML 11Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
4-Channel Secondary Monitoring IC
Version
: PRE.005
PAGE 6
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
PS257
Electrical Characteristics (Continued)
LED, Open Drain Digital Output
Parameter
Conditions
MIN
TYP
MAX
Unit
Leakage Current (ILKG)
VLed=5V
5
uA
Low Level Output Voltage (VOL)
ISINK=10mA
0.3
V
PSON/, Analog Input
Parameter
Conditions
MIN
TYP
MAX
Unit
Threshold Voltage ( High )
1.60
V
Threshold Voltage ( Low )
0.9
V
VTS, Analog Input
Parameter
Conditions
MIN
TYP
MAX
Unit
Input Current (IVTS)
1
μA
Full Speed Voltage (VFULL-VTS),(VTH=1/2VS12B)
OP Mode
6
V
*1 Fan driver application
FB, Analog Input
Parameter
Conditions
MIN
TYP
MAX
Unit
FAN Output Mode Threshold Voltage
3
V
FDRV, Analog output
Parameter
Conditions
MIN
TYP
MAX
Unit
FAN driver sink current
IF-SINK=1mA
5.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com