Electronic Components Datasheet Search
  English  ▼

X  

VM114 Datasheet(PDF) 2 Page - Silicon Touch Technology Inc.

Part # VM114
Description  Low input current
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

VM114 Datasheet(HTML) 2 Page - Silicon Touch Technology Inc.

  VM114 Datasheet HTML 1Page - Silicon Touch Technology Inc. VM114 Datasheet HTML 2Page - Silicon Touch Technology Inc. VM114 Datasheet HTML 3Page - Silicon Touch Technology Inc. VM114 Datasheet HTML 4Page - Silicon Touch Technology Inc. VM114 Datasheet HTML 5Page - Silicon Touch Technology Inc. VM114 Datasheet HTML 6Page - Silicon Touch Technology Inc. VM114 Datasheet HTML 7Page - Silicon Touch Technology Inc. VM114 Datasheet HTML 8Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Micro-actuator Driver with I
2C Interface
Version:PRE.001
Page:1
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
VM114
VM114
Micro-actuator Driver with I
2C Interface
General Specifications
VM114 is a micro-actuator driver IC with miniature package. It is one channel low
voltage bi-directional motor driver IC. The design is optimal for driving different type
micro-actuator, such as voice coil motor, piezo-actuator, or other DC motor actuators. It is
suitable for camera module application or other portable devices.
Features and Benefits
◆
Low voltage operation (VDD Min = 1.8 V)
◆
Low input current
◆
Zero standby current
◆
I2C serial interface
◆
Automatic power on reset
◆
Ultra small package: WLCSP (0.78*1.27*0.35mm)
Ordering Information
Part Number
Package
Marking
VM114 WLCSP
WLCSP, 6Pin
TBD



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com