Electronic Components Datasheet Search
  English  ▼

X  

NOIP1SN025KA Datasheet(PDF) 13 Page - ON Semiconductor

Part # NOIP1SN025KA
Description  PYTHON 25K/16K/12K/10K Global Shutter CMOS Image Sensors
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NOIP1SN025KA Datasheet(HTML) 13 Page - ON Semiconductor

Back Button NOIP1SN025KA Datasheet HTML 9Page - ON Semiconductor NOIP1SN025KA Datasheet HTML 10Page - ON Semiconductor NOIP1SN025KA Datasheet HTML 11Page - ON Semiconductor NOIP1SN025KA Datasheet HTML 12Page - ON Semiconductor NOIP1SN025KA Datasheet HTML 13Page - ON Semiconductor NOIP1SN025KA Datasheet HTML 14Page - ON Semiconductor NOIP1SN025KA Datasheet HTML 15Page - ON Semiconductor NOIP1SN025KA Datasheet HTML 16Page - ON Semiconductor NOIP1SN025KA Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 87 page
background image
NOIP1SN025KA, NOIP1SN016KA, NOIP1SN012KA, NOIP1SN010KA
www.onsemi.com
13
OPERATING MODES
Global Shutter Mode
The PYTHON operates in pipelined or triggered global
shutter modes. In this mode, light integration takes place on
all pixels in parallel, although subsequent readout is
sequential. Figure 10 shows the integration and readout
sequence for the global shutter mode. All pixels are light
sensitive at the same period of time. The whole pixel core is
reset simultaneously and after the integration time all pixel
values are sampled together on the storage node inside each
pixel. The pixel core is read out line by line after integration.
Note that the integration and readout can occur in parallel or
sequentially. The integration starts at a certain period,
relative to the frame start.
Pipelined Global Shutter Mode
In pipelined global shutter mode, the integration and
readout are done in parallel. Images are continuously read
and integration of frame N is ongoing during readout of the
previous frame N–1. The readout of every frame starts with
a frame overhead time (FOT), during which the analog value
on the pixel diode is transferred to the pixel memory
element. After the FOT, the sensor is read out line by line and
the readout of each line is preceded by the row overhead time
(ROT). Figure 11 shows the exposure and readout time line
in pipelined global shutter mode.
Figure 10. Global Shutter Operation
Master Mode
In this operation mode, the integration time is set through
the register interface and the sensor integrates and reads out
the images autonomously. The sensor acquires images
without any user interaction.
Slave Mode
The slave mode adds more manual control to the sensor.
The integration time registers are ignored in this mode and
the integration time is instead controlled by an external pin.
As soon as the control pin is asserted, the pixel array goes out
of reset and integration starts. The integration continues
until the user or system deasserts the external pin. Upon a
falling edge of the trigger input, the image is sampled and the
readout begins.
Figure 11. Pipelined Shutter Operation in Master Mode
Reset
N
Exposure Time N
Reset
N+1
Exposure Time N+1
Readout Frame N-1
FOT
FOT
Readout Frame N
FOT
Integration Time
Handling
Readout
Handling
ROT
Line Readout
FOT
FOT
Figure 12. Pipelined Shutter Operation in Slave Mode
Reset
N
Exposure Time N
Reset
N+1
Exposure T im e N+1
Readout N−1
FOT
FOT
Readout N
FOT
Integration Time
Handling
Readout
Handling
ROT
Line Readout
External Trigger
FOT
FOT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com