Electronic Components Datasheet Search
  English  ▼

X  

STK12C68 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # STK12C68
Description  8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK12C68 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button STK12C68 Datasheet HTML 5Page - List of Unclassifed Manufacturers STK12C68 Datasheet HTML 6Page - List of Unclassifed Manufacturers STK12C68 Datasheet HTML 7Page - List of Unclassifed Manufacturers STK12C68 Datasheet HTML 8Page - List of Unclassifed Manufacturers STK12C68 Datasheet HTML 9Page - List of Unclassifed Manufacturers STK12C68 Datasheet HTML 10Page - List of Unclassifed Manufacturers STK12C68 Datasheet HTML 11Page - List of Unclassifed Manufacturers STK12C68 Datasheet HTML 12Page - List of Unclassifed Manufacturers STK12C68 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
STK12C68
October 2003
13
Document Control # ML0008 rev 0.4
Document Revision History
Revision
Date
Summary
0.0
December 2002
Combined commercial, industrial and military datasheets. Removed 20 nsec device.
0.1
January 2003
Added 35 nsec SMD to order information
0.2
July 2003
Added “28 - SOIC” label to page 1 pinout drawing
0.3
September 2003
Added lead-free lead finish
0.4
October 2003
Restored “W” 600 mil DIP package to ordering information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com