Electronic Components Datasheet Search
  English  ▼

X  

SED1568DBB Datasheet(PDF) 3 Page - Epson Company

Part # SED1568DBB
Description  Direct display of RAM data through the display data RAM
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

SED1568DBB Datasheet(HTML) 3 Page - Epson Company

  SED1568DBB Datasheet HTML 1Page - Epson Company SED1568DBB Datasheet HTML 2Page - Epson Company SED1568DBB Datasheet HTML 3Page - Epson Company SED1568DBB Datasheet HTML 4Page - Epson Company SED1568DBB Datasheet HTML 5Page - Epson Company SED1568DBB Datasheet HTML 6Page - Epson Company SED1568DBB Datasheet HTML 7Page - Epson Company SED1568DBB Datasheet HTML 8Page - Epson Company SED1568DBB Datasheet HTML 9Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 87 page
background image
SED1565 Series
EPSON
8–1
GENERAL DESCRIPTION
The SED1565 Series is a series of single-chip dot matrix
liquid crystal display drivers that can be connected
directly to a microprocessor bus. 8-bit parallel or serial
display data sent from the microprocessor is stored in
the internal display data RAM and the chip generates a
liquid crystal drive signal independent of the
microprocessor. Because the chips in the SED1565
Series contain 65
× 132 bits of display data RAM and
there is a 1-to-1 correspondence between the liquid
crystal panel pixels and the internal RAM bits, these
chips enable displays with a high degree of freedom.
The SED1565 Series chips contain 65 common output
circuits and 132 segment output circuits, so that a single
chip can drive a 65
× 132 dot display (capable of
displaying 8 columns
× 4 rows of a 16 × 16 dot kanji
font). The SED1567 Series chips contain 33 common
output circuits and 132 segment output circuits, so that
a single chip can drive 33
× 132 dot display (capable of
displaying 8 columns
× 2 rows of 16 × 16 dot kanji
fonts). Thanks to the built-in 55 common output circuits
and 132 segment output circuits, the SED1568*** is
capable of displaying 55
× 132 dots (11 columns × 4
lines using 11
× 12 dots Kanji font) with a single chip.
The SED1569 Series chips contain 53 common output
circuits and 132 segment output circuits, so that a single
chip can drive 53
× 132 dot display (capable of displaying
11 columns
× 4 rows of 11 × 12 dot kanji fonts).
Moreover, the capacity of the display can be extended
through the use of master/slave structures between
chips.
The chips are able to minimize power consumption
because no external operating clock is necessary for the
display data RAM read/write operation. Furthermore,
because each chip is equipped internally with a low-
power liquid crystal driver power supply, resistors for
liquid crystal driver power voltage adjustment and a
display clock CR oscillator circuit, the SED1565 Series
chips can be used to create the lowest power display
system with the fewest components for high-
performance portable devices.
FEATURES
• Direct display of RAM data through the display data
RAM.
RAM bit data:
“1” Non-illuminated
“0” Illuminated
(during normal display)
• RAM capacity
65
× 132 = 8580 bits
• Display driver circuits
SED1565***: 65 common output and 132 segment
outputs
SED1566***: 49 common output and 132 segment
outputs
SED1567***: 33 common outputs and 132 segment
outputs
SED1568***: 55 common outputs and 132 segment
outputs
SED1569***: 53 common outputs and 132 segment
outputs
• High-speed 8-bit MPU interface (The chip can be
connected directly to the both the 80x86 series MPUs
and the 68000 series MPUs)
/Serial interfaces are supported.
• Abundant command functions
Display data Read/Write, display ON/OFF, Normal/
Reverse display mode, page address set, display start
line set, column address set, status read, display all
points ON/OFF, LCD bias set, electronic volume,
read/modify/write, segment driver direction select,
power saver, static indicator, common output status
select, V5 voltage regulation internal resistor ratio
set.
• Static drive circuit equipped internally for indicators.
(1 system, with variable flashing speed.)
• Low-power liquid crystal display power supply circuit
equipped internally.
Booster circuit (with Boost ratios of Double/Triple/
Quad, where the step-up voltage reference power
supply can be input externally)
High-accuracy voltage adjustment circuit (Thermal
gradient –0.05%/
°C or –0.2%/°C or external input)
V5 voltage regulator resistors equipped internally,
V1 to V4 voltage divider resistors equipped internally,
electronic volume function equipped internally,
voltage follower.
• CR oscillator circuit equipped internally (external
clock can also be input)
• Extremely low power consumption
Operating power when the built-in power supply is
used (an example)
SED1565D0B
81
µA (VDD – VSS = VDD – VSS2 =
/SED1565DBB 3.0 V, Quad voltage, V5 – VDD = –
11.0 V)
SED1566D0B
43
µA (VDD – VSS = VDD – VSS2 =
/SED1566DBB 3.0 V, Triple voltage, V5 – VDD = –
8.0 V)
SED1567D0B
29
µA (VDD – VSS = VDD – VSS2 =
/SED1567DBB 3.0 V, Triple voltage, V5 – VDD = –
8.0 V)
SED1568D0B/SED1568DBB
/SED1569D0B/SED1569DBB
46
µA (VDD – VSS = VDD – VSS2 =
3.0 V, Triple voltage, V5 – VDD = –
8.0 V)
Conditions: When all displays are in white and the
normal mode is selected (see page 60 *12 for details
of the conditions).
• Power supply
Operable on the low 1.8 voltage
Logic power supply VDD – VSS = 1.8 V to –5.5 V
Boost reference voltage: VDD – VSS2 = 1.8 V to
–6.0 V
Liquid crystal drive power supply: VDD – V5 = –4.5
V to –16.0 V
• Wide range of operating temperatures: –40 to 85
°C
• CMOS process
• Shipping forms include bare chip and TCP.
• These chips not designed for resistance to light or
resistance to radiation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com