Electronic Components Datasheet Search
  English  ▼

X  

SED1569DBB Datasheet(PDF) 49 Page - Epson Company

Part # SED1569DBB
Description  Direct display of RAM data through the display data RAM
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

SED1569DBB Datasheet(HTML) 49 Page - Epson Company

Back Button SED1569DBB Datasheet HTML 45Page - Epson Company SED1569DBB Datasheet HTML 46Page - Epson Company SED1569DBB Datasheet HTML 47Page - Epson Company SED1569DBB Datasheet HTML 48Page - Epson Company SED1569DBB Datasheet HTML 49Page - Epson Company SED1569DBB Datasheet HTML 50Page - Epson Company SED1569DBB Datasheet HTML 51Page - Epson Company SED1569DBB Datasheet HTML 52Page - Epson Company SED1569DBB Datasheet HTML 53Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 87 page
background image
SED1565 Series
EPSON
8–47
The Reset Circuit
When the RES input comes to the “L” level, these LSIs
return to the default state. Their default states are as
follows:
1.
Display OFF
2.
Normal display
3.
ADC select: Normal (ADC command D0 = “L”)
4.
Power control register: (D2, D1, D0) = (0, 0, 0)
5.
Serial interface internal register data clear
6.
LCD power supply bias rate:
SED1565*** ............................................... 1/9 bias
SED1566***, 1568***, 1569*** ....... 1/8 bias
SED1567*** ............................................... 1/6 bias
7.
All-indicator lamps-on OFF (All-indicator lamps
ON/OFF command D0 = “L”)
8.
Power saving clear
9.
V5 voltage regulator internal resistors Ra and Rb
separation
(In case of SED1565DBB, SED1566DBB,
SED1567DBB, SED1568DBB and SED1569DBB,
internal resistors are connected while RES is “L.”)
10. Output conditions of SEG and COM terminals
SEG : V2/V3,
COM : V1/V4
(In case of SED1565DBB, SED1566DBB,
SED1567DBB, SED1568DBB and SED1569DBB,
both the SEG terminal and the COM terminal
output the VDA level while RES is “L.” In case of
other models, the SEG terminal outputs V2 and the
COM terminal outputs V1 while RES is “L.”)
11. Read modify write OFF
12. Static indicator OFF
Static indicator register : (D1, D2) = (0, 0)
13. Display start line set to first line
14. Column address set to Address 0
15. Page address set to Page 0
16. Common output status normal
17. V5 voltage regulator internal resistor ratio set mode
clear
18. Electronic volume register set mode clear
Electronic volume register : (D5, D4, D3, D2, D1,
D0) = (1, 0. 0, 0, 0, 0)
19. Test mode clear
On the other hand, when the reset command is used, the
above default settings from 11 to 19 are only executed.
When the power is turned on, the IC internal state
becomes unstable, and it is necessary to initialize it
using the RES terminal. After the initialization, each
input terminal should be controlled normally.
Moreover, when the control signal from the MPU is in
the high impedance, an overcurrent may flow to the IC.
After applying a current, it is necessary to take proper
measures to prevent the input terminal from getting into
the high impedance state.
If the internal liquid crystal power supply circuit is not
used on SED1565DBB, SED1566DBB, SED1567DBB,
SED1568DBB and SED1569DBB, it is necessary that
RES is “H” when the external liquid crystal power
supply is turned on.
This IC has the function to
discharge V5 when RES is “L,” and the external power
supply short-circuits to VDD when RES is “L.”
While RES is “L,” the oscillator and the display timing
generator stop, and the CL, FR, FRS and DOF terminals
are fixed to “H.”
The terminals D0 to D7 are not
affected. The VDD level is output from the SEG and
COM output terminals.
This means that an internal
resistor is connected between VDD and V5.
When the internal liquid crystal power supply circuit is
not used on other models of SED1565 series, it is
necessary that RE is “L” when the external liquid crystal
power supply is turned on.
While RES is “L,” the oscillator works but the display
timing generator stops, and the CL, FR, FRS and DOF
terminals are fixed to “H.” The terminals D0 to D7 are
not affected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com