Electronic Components Datasheet Search
  English  ▼

X  

6016C Datasheet(PDF) 1 Page - Alpha Wire

Part # 6016C
Description  CUSTOMER PRODUCT SPECIFICATION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

6016C Datasheet(HTML) 1 Page - Alpha Wire

  6016C Datasheet HTML 1Page - Alpha Wire 6016C Datasheet HTML 2Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ALPHA WIRE COMPANY
CUSTOMER PRODUCT SPECIFICATION
Part Number: 6016C
Issue:
7
Page 1 of 2 Pages
Issue Date:
3/2/2009
Effective Date:
4/1/2009
Although Alpha Wire Company ("Alpha") makes every reasonable effort to ensure their accuracy at the time of publication, information and specifications
described herein are subject to errors or omissions and to changes without notice, and the listing of such information and specifications does not ensure
product availability.
Alpha provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express, statutory or implied. In
no event will Alpha be liable for any damages (including consequential, indirect, incidental, special, punitive, or exemplary) whatsoever, even if Alpha has
been advised of the possibility of such damages, whether in an action under contract, negligence or any other theory, arising out of or in connection with the
use, or inability to use, the information or specifications described herein.
711 Lidgerwood Ave Elizabeth, NJ 07207-0711
Toll Free 1-800-52 ALPHA • T: 1-908-925-8000 • F: 908-925-5411 • Email: info@alphawire.com
www.alphawire.com
A.
Construction
Diameters (In)
1) Component 1
11 X 1 PAIR
a) Conductor
22 (7/30) AWG TC
b) Insulation
0.010" Wall, Nom. Polypropylene(PP)
0.050
(1) Color Code
Alpha Wire Company Color Code A
Pair
Color
Pair
Color
Pair
Color
1
BLACK-RED
5
BLACK-BROWN
9
RED-WHITE
2
BLACK-WHITE
6
BLACK-YELLOW
10
RED-BLUE
3
BLACK-GREEN
7
BLACK-ORANGE
11
RED-YELLOW
4
BLACK-BLUE
8
RED-GREEN
c)
Pair
2/Cond Cabled Together
(1) Twists:
8.0 Twists/foot (min)
Individually Applied:
d) Shield:
Foil Free Alum/Mylar Tape, 25% Overlap, Min.
(1) Foil Direction
Foil Facing In
(2) Drain Wire
22 (7/30) AWG TC
2) Cable Assembly
11 Components Cabled
a) Twists:
2.1 Twists/foot (min)
b) Core Wrap
Clear Mylar Tape, 25% Overlap, Min.
3) Jacket
0.048" Wall, Nom.,PVC
0.483 (0.505 Max.)
a) Color(s)
SLATE
b) Print
ALPHA WIRE-* P/N 6016C 11PR 22 AWG
SHIELDED 75C (UL) TYPE CMG OR AWM 2493 ---
C(UL) CMG FT4
ROHS
e.
* = Factory Code
B.
Industry Approvals
1) UL
AWM/STYLE 2493
60°C
CMG
75°C
VW-1
2) CSA International
C(UL) TYPE CMG
75°C
FT4
3) EU Directive 2002/95/EC(RoHS):
All materials used in the manufacture of this part are in compliance with EU
Directive 2002/95/EU regarding the restriction of use of certain hazardous
substances in electrical and electronic equipment. Consult Alpha Wire's web site
for compliance Date of Manufactur
4) California Proposition 65:
The outer surface materials used in the manufacture of this part meet the
requirements of California Proposition 65.
C.
Physical & Mechanical Properties
1) Temperature Range
-20 to 75°C
2) Bend Radius
10X Cable Diameter
3) Pull Tension
181 Lbs, Maximum
D.
Electrical Properties
(For Engineering purposes only)
1) Voltage Rating
300 VRMS
2) Characteristic Impedance
60 Ω
3) Inductance
0.18 µH/ft, Nominal
4) Mutual Capacitance
28 pf/ft @1 kHz, Nominal
5) Ground Capacitance
50 pf/ft @1 kHz, Nominal
6) Conductor DCR
16.6 Ω/1000ft @20°C, Nominal
7) Ind. Shield DC Resistance
14.4 Ω/1000ft @20°C, Nominal
E.
Other
1) Packaging
a) 1000 FT


Similar Part No. - 6016C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6016 ETC2-6016 Datasheet
373Kb / 1P
PLUGS AND JACKS
logo
Heyco.
6016 HEYCO-6016 Datasheet
318Kb / 2P
Heavy Duty Male Blades for Range and Dryer
logo
List of Unclassifed Man...
60160 ETC1-60160 Datasheet
7Mb / 2P
SAFETY GLASSES
Rev. 05/20 A
logo
Klein Tools, Inc.
60160 KLEIN-60160 Datasheet
4Mb / 2P
Safety GEAR
Rev. 03/20 A
logo
List of Unclassifed Man...
60160-6 ETC1-60160-6 Datasheet
7Mb / 2P
SAFETY GLASSES
Rev. 05/20 A
More results

Similar Description - 6016C

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
1134C ALPHAWIRE-1134C Datasheet
77Kb / 1P
CUSTOMER PRODUCT SPECIFICATION
1139C ALPHAWIRE-1139C Datasheet
77Kb / 1P
CUSTOMER PRODUCT SPECIFICATION
2212C ALPHAWIRE-2212C Datasheet
79Kb / 2P
CUSTOMER PRODUCT SPECIFICATION
2215C ALPHAWIRE-2215C Datasheet
79Kb / 2P
CUSTOMER PRODUCT SPECIFICATION
2243C ALPHAWIRE-2243C Datasheet
79Kb / 2P
CUSTOMER PRODUCT SPECIFICATION
2466C ALPHAWIRE-2466C Datasheet
76Kb / 1P
CUSTOMER PRODUCT SPECIFICATION
5227C ALPHAWIRE-5227C Datasheet
83Kb / 2P
CUSTOMER PRODUCT SPECIFICATION
6014C ALPHAWIRE-6014C Datasheet
85Kb / 2P
CUSTOMER PRODUCT SPECIFICATION
6373 ALPHAWIRE-6373 Datasheet
76Kb / 1P
CUSTOMER PRODUCT SPECIFICATION
6380 ALPHAWIRE-6380 Datasheet
74Kb / 1P
CUSTOMER PRODUCT SPECIFICATION
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com