| Electronic Components Datasheet Search |
|
TMS320F2812 Datasheet(PDF) 21 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320F2812 Datasheet(HTML) 21 Page - Texas Instruments |
|
21 / 103 page ![]() TMS320F2810, TMS320F2812 DIGITAL SIGNAL PROCESSORS SPRS174B – APRIL 2001 – REVISED SEPTEMBER 2001 21 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 serial port peripherals The F2810 and F2812 support the following serial communication peripherals: eCAN: This is the enhanced version of the CAN peripheral. It supports 32 mailboxes, time stamping of messages, and is CAN 2.0B-compliant. McBSP: This is the multichannel buffered serial port that is used to connect to E1/T1 lines, phone-quality codecs for modem applications or high-quality stereo-quality Audio DAC devices. The McBSP receive and transmit registers are supported by a 16-level FIFO. This significantly reduces the overhead for servicing this peripheral. SPI: The SPI is a high-speed, synchronous serial I/O port that allows a serial bit stream of programmed length (one to sixteen bits) to be shifted into and out of the device at a programmable bit-transfer rate. Normally, the SPI is used for communications between the DSP controller and external peripherals or another processor. Typical applications include external I/O or peripheral expansion through devices such as shift registers, display drivers, and ADCs. Multi-device communications are supported by the master/slave operation of the SPI. On the F2810 and the F2812, the port supports a 16-level, receive and transmit FIFO for reducing servicing overhead. SCI: The serial communications interface is a two-wire asynchronous serial port, commonly known as UART. On the F2810 and the F2812, the port supports a 16-level, receive and transmit FIFO for reducing servicing overhead. register map The F2810 device contains three peripheral register spaces. The spaces are categorized as follows: D Peripheral Frame 0: These are peripherals that are mapped directly to the CPU memory bus. See Table 4. D Peripheral Frame 1: These are peripherals that are mapped to the 32-bit peripheral bus. See Table 5. D Peripheral Frame 2: These are peripherals that are mapped to the 16-bit peripheral bus. See Table 6. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |