Electronic Components Datasheet Search
  English  ▼

X  

TP3465V Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3465V
Description  TP3465 MICROWIRETM Interface Device (MID)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3465V Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button TP3465V Datasheet HTML 9Page - National Semiconductor (TI) TP3465V Datasheet HTML 10Page - National Semiconductor (TI) TP3465V Datasheet HTML 11Page - National Semiconductor (TI) TP3465V Datasheet HTML 12Page - National Semiconductor (TI) TP3465V Datasheet HTML 13Page - National Semiconductor (TI) TP3465V Datasheet HTML 14Page - National Semiconductor (TI) TP3465V Datasheet HTML 15Page - National Semiconductor (TI) TP3465V Datasheet HTML 16Page - National Semiconductor (TI) TP3465V Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
MICROWIRE Timing Diagrams
Symbol
Parameter
Conditions
Min
Max
Units
fCKIN
CKin Frequency
20
MHz
fSK
SK Frequency
5
MHz
tSKD
SK Clock Duration
200
ns
tSKH
SK High Duration
70
ns
tSKL
SK Low Duration
70
ns
tRSK
Rise Time SK
100 pF Load
30
ns
tFSK
Fall Time SK
100 pF Load
30
ns
tSISK
Setup Time SI Valid to SK Edge
20
ns
tHSKI
Hold Time SK High to SI Invalid
20
ns
tDSKO
Delay SK Edge to SO Data Valid Output
20
ns
tDSKZ
Delay Last SK to SO TRI-STATE
30
ns
tDWOV
Delay WR to SO Valid
FMB or
50
ns
FMBD0 – 7
MICROWIRE Timing for 1 Byte Transfer
TLH10803 – 11
MICROWIRE Timing for 2 Byte Transfers
TLH10803 – 12
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com