Electronic Components Datasheet Search
  English  ▼

X  

2413 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 2413
Description  CAT6 (350 MHz), 4-Pair, U/UTP-Unshielded, Plenum-CMP, Premise Horizontal Cable
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2413 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  2413 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2413 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2413 Datasheet HTML 3Page - List of Unclassifed Manufacturers 2413 Datasheet HTML 4Page - List of Unclassifed Manufacturers 2413 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
250
100 ± 32
100 ± 15
22.8
19.8
300
100 ± 32
100 ± 15
21.3
18.3
350
100 ± 32
100 ± 15
19.9
16.9
400
100 ± 32
100 ± 15
18.8
15.8
450
100 ± 32
100 ± 15
17.7
14.7
500
100 ± 32
100 ± 15
16.8
13.8
550
100 ± 32
100 ± 15
16.0
13.0
Notes (Overall)
Notes: Jacket sequentially marked at 2 ft./1m intervals. Third party verified to ANSI/TIA-568-C.2, Category 6. Values above 350 MHz
are for Engineering Information Only.
Reference (Overall)
Previous Part Number:
24567415, 24567715, 24567736T, 24567615T, 25067545, 25067545T,
25067515T, 24567745T, 24567715T, 25067845, 25067845T, 25067836,
25067836T, 24567815, 24567815T, 2456705T, 24567145, 24567145T,
24567115, 24567115T, 24567345, 24567345T, 24567336, 24567336T,
24567315, 24567315T, 24567445T, 24567436, 24567436T, 24567415T,
24567A15T, 24567945, 24567945T, 24567936T, 24567915, 24567915T
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
2413 D15A1000
305 MT
13.608 KG
BLUE
CAT6+ 4PR U/UTP CMP RIB
2413 D15U1000
305 MT
12.701 KG
BLUE
CAT6+ 4PR U/UTP CMP BOX
2413 D151000
305 MT
12.701 KG
BLUE
CAT6+ 4PR U/UTP CMP REEL
2413 D152500
762 MT
29.484 KG
BLUE
CAT6+ 4PR U/UTP CMP REEL
2413 002A1000
305 MT
13.608 KG
RED
CAT6+ 4PR U/UTP CMP RIB
2413 003A1000
305 MT
13.608 KG
ORANGE
CAT6+ 4PR U/UTP CMP RIB
2413 003U1000
305 MT
12.701 KG
ORANGE
CAT6+ 4PR U/UTP CMP BOX
2413 0031000
305 MT
12.701 KG
ORANGE
CAT6+ 4PR U/UTP CMP REEL
2413 004A1000
305 MT
13.608 KG
YELLOW
CAT6+ 4PR U/UTP CMP RIB
2413 004U1000
305 MT
12.701 KG
YELLOW
CAT6+ 4PR U/UTP CMP BOX
2413 0041000
305 MT
12.701 KG
YELLOW
CAT6+ 4PR U/UTP CMP REEL
2413 0042500
762 MT
29.484 KG
YELLOW
CAT6+ 4PR U/UTP CMP REEL
2413 005A1000
305 MT
13.608 KG
GREEN, DARK
CAT6+ 4PR U/UTP CMP RIB
2413 005U1000
305 MT
12.701 KG
GREEN, DARK
CAT6+ 4PR U/UTP CMP BOX
2413 0051000
305 MT
12.701 KG
GREEN, DARK
CAT6+ 4PR U/UTP CMP REEL
2413 0052500
762 MT
29.484 KG
GREEN, DARK
CAT6+ 4PR U/UTP CMP REEL
2413 007A1000
305 MT
13.608 KG
VIOLET
CAT6+ 4PR U/UTP CMP RIB
2413 008A1000
305 MT
13.608 KG
GRAY
CAT6+ 4PR U/UTP CMP RIB
2413 008U1000
305 MT
12.701 KG
GRAY
CAT6+ 4PR U/UTP CMP BOX
2413 0081000
305 MT
12.701 KG
GRAY
CAT6+ 4PR U/UTP CMP REEL
2413 009A1000
305 MT
13.608 KG
WHITE
CAT6+ 4PR U/UTP CMP RIB
2413 009U1000
305 MT
12.701 KG
WHITE
CAT6+ 4PR U/UTP CMP BOX
2413 0091000
305 MT
12.701 KG
WHITE
CAT6+ 4PR U/UTP CMP REEL
2413 0092500
762 MT
29.484 KG
WHITE
CAT6+ 4PR U/UTP CMP REEL
2413 010A1000
305 MT
13.608 KG
BLACK
CAT6+ 4PR U/UTP CMP RIB
2413 010U1000
305 MT
12.701 KG
BLACK
CAT6+ 4PR U/UTP CMP BOX
2413 0101000
305 MT
12.701 KG
BLACK
CAT6+ 4PR U/UTP CMP REEL
2413 0102500
762 MT
29.484 KG
BLACK
CAT6+ 4PR U/UTP CMP REEL
2413 012A1000
305 MT
13.608 KG
PINK
CAT6+ 4PR U/UTP CMP RIB
Revision Number: 8
Revision Date: 01-07-2014
© 2014 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications
described herein are subject to error or omission and to change without notice, and the listing of such information and specifications does not
ensure product availability.
Belden provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express,
statutory or implied. In no event will Belden be liable for any damages (including consequential, indirect, incidental, special, punitive, or
Page 4 of 5
01-10-2014
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
2413 Multi-Conductor - Enhanced Category 6 Nonbonded-Pair Cables



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com