Electronic Components Datasheet Search
  English  ▼

X  

5500FE Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 5500FE
Description  Security & Alarm Cable, Riser-CMR, 2-22 AWG stranded bare copper conductors with polyolefin insulation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5500FE Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  5500FE Datasheet HTML 1Page - List of Unclassifed Manufacturers 5500FE Datasheet HTML 2Page - List of Unclassifed Manufacturers 5500FE Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For more Information
please call
1-800-Belden1
General Description:
Security & Alarm Cable, Riser-CMR, 2-22 AWG stranded bare copper conductors with polyolefin
insulation, Beldfoil® shield and PVC jacket with ripcord
Usage (Overall)
Suitable Applications:
Intercom/PA Systems, Sound/Audio Systems
Physical Characteristics (Overall)
Conductor
AWG:
# Conductors AWG Stranding Conductor Material
2
22
7x30
BC - Bare Copper
Total Number of Conductors:
2
Insulation
Insulation Material:
Insulation Material Wall Thickness (mm)
PP - Polypropylene 0.203
Outer Shield
Outer Shield Material:
Outer Shield Trade Name Type Outer Shield Material
Coverage (%)
Beldfoil®
Tape Aluminum Foil-Polyester Tape w/Shorting Fold 100
Outer Shield Drain Wire AWG:
AWG Stranding Drain Wire Conductor Material
24
Solid
TC - Tinned Copper
Outer Jacket
Outer Jacket Material:
Outer Jacket Material
Nom. Wall Thickness (mm)
PVC - Polyvinyl Chloride 0.432
Outer Jacket Ripcord:
Yes
Overall Cable
Overall Cabling Lay Length & Direction:
Length (mm) Direction Twists (twist/m)
63.500
Left Hand 15.749
Overall Cabling Color Code Chart:
Number Color
1
Black
2
Red
Overall Nominal Diameter:
3.200 mm
Mechanical Characteristics (Overall)
Operating Temperature Range:
-20°C To +75°C
UL Temperature Rating:
75°C
Bulk Cable Weight:
14.138 Kg/Km
Page 1 of 3
10-30-2013
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
5500FE Multi-Conductor - Commercial Audio Systems - 2 Conductors Cabled


Similar Part No. - 5500FE

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
5500FE BELDEN-5500FE Datasheet
195Kb / 2P
Security & Sound, 2 Conductor 22 AWG, BC, Shielded, CMR
04-13-2023
5500FE-0081000 BELDEN-5500FE-0081000 Datasheet
195Kb / 2P
Security & Sound, 2 Conductor 22 AWG, BC, Shielded, CMR
04-13-2023
5500FE-008500 BELDEN-5500FE-008500 Datasheet
195Kb / 2P
Security & Sound, 2 Conductor 22 AWG, BC, Shielded, CMR
04-13-2023
5500FE-008U1000 BELDEN-5500FE-008U1000 Datasheet
195Kb / 2P
Security & Sound, 2 Conductor 22 AWG, BC, Shielded, CMR
04-13-2023
5500FE-008U500 BELDEN-5500FE-008U500 Datasheet
195Kb / 2P
Security & Sound, 2 Conductor 22 AWG, BC, Shielded, CMR
04-13-2023
More results

Similar Description - 5500FE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1344803 ETC2-1344803 Datasheet
109Kb / 4P
24 AWG Solid Bare Copper Conductors, Polyolefin Insulation
1305A ETC2-1305A Datasheet
93Kb / 4P
24 AWG Bonded-Pairs stranded (7x32) bare copper conductors, polyolefin insulation
1592A ETC2-1592A Datasheet
109Kb / 4P
24 AWG Stranded (7x32) Bare Copper Conductors, Non-Plenum, Polyolefin Insulation
7930A ETC2-7930A Datasheet
108Kb / 4P
24 AWG stranded (7x32) bare copper conductors, twisted pairs, polyolefin insulation
5541UE ETC2-5541UE Datasheet
99Kb / 3P
Security & Alarm Cable, Riser-CMR, 2-22 AWG stranded bare copper pairs with polyolefin insulation
7922A ETC2-7922A Datasheet
111Kb / 4P
22 AWG Bonded-Pairs solid bare copper conductors, polyolefin insulation
5341FE ETC2-5341FE Datasheet
96Kb / 2P
Security & Alarm Cable, Riser-CMR, 2-18 AWG stranded bare copper pairs with polyolefin insulation
7960A ETC2-7960A Datasheet
122Kb / 3P
22 AWG Symmetric quad solid bare copper conductors, polyolefin insulation
7961A ETC2-7961A Datasheet
122Kb / 3P
22 AWG Symmetric quad stranded tinned copper conductors, polyolefin insulation
7962A ETC2-7962A Datasheet
122Kb / 3P
22 AWG Symmetric quad stranded tinned copper conductors, polyolefin insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com