Electronic Components Datasheet Search
  English  ▼

X  

XC9502 Datasheet(PDF) 31 Page - Torex Semiconductor

Part # XC9502
Description  2ch. Step-up / down DC/DC Controller ICs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9502 Datasheet(HTML) 31 Page - Torex Semiconductor

Back Button XC9502 Datasheet HTML 27Page - Torex Semiconductor XC9502 Datasheet HTML 28Page - Torex Semiconductor XC9502 Datasheet HTML 29Page - Torex Semiconductor XC9502 Datasheet HTML 30Page - Torex Semiconductor XC9502 Datasheet HTML 31Page - Torex Semiconductor XC9502 Datasheet HTML 32Page - Torex Semiconductor XC9502 Datasheet HTML 33Page - Torex Semiconductor XC9502 Datasheet HTML 34Page - Torex Semiconductor XC9502 Datasheet HTML 35Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
(19) EXT 1, 2 High ON Resistance vs. Supply Voltage
(20) EXT 1, 2 Low ON Resistance vs. Supply Voltage
(21) Output Voltage vs. Ambient Temperature
(22) Oscillation Start-up Voltage vs. Ambient Temperature
(23) Operation Retention Voltage vs. Ambient Temperature
(24) Operation Start-up Voltage vs. Ambient Temperature
31
XC9502 Series
2ch. Step-up / down DC/DC Controllers
XC9502B092 (180kHz)
0
10
20
30
40
50
02
46
8
10
Supply Voltage VDD (V)
XC9502B092 (180kHz)
0
10
20
30
40
50
024
68
10
Supply Voltage VDD (V)
XC9502B093(300kHz)
3.0
3.1
3.2
3.3
3.4
3.5
-50
-20
10
40
70
100
Ambient Temperature Ta(
0 C)
L=22
µH(CDRH5D28), CL=94µF(Tantalum)
Tr:XP161A1265P, SD:CMS02
VIN=1.8V
IOUT=200mA
XC9502B092 (180kHz,VOUT1=2.0V)
0
0.2
0.4
0.6
0.8
1
-40 -20
0
20
40
60
80 100
Ambient Temperature Ta(
o C)
XC9502B092(180kHz,VOUT1=3.3V)
0
0.2
0.4
0.6
0.8
1
1.2
-40 -20
0
20 40 60 80 100
Ambient Temperature Ta(
o C)
IOUT=1mA
L=22
µH(CDRH5D28), CL=47µF(Tantalum)
SD:MA2Q737, Tr:2SD1628G
XC9502B092(180kHz,VOUT1=3.3V)
0
0.2
0.4
0.6
0.8
-40 -20
0
20
40
60
80 100
Ambient Temperature Ta (
o C)
L=22
µH(CDRH5D28), CL=47µF(Tantalum)
SD:MA2Q737, Tr:2SD1628G
IOUT=1mA
Topr=85
o C
25
o C
-40
o C
Topr=85
o C
25
o C
-40
o C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com