Electronic Components Datasheet Search
  English  ▼

X  

7961A1SW2000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 7961A1SW2000
Description  22 AWG Symmetric quad stranded tinned copper conductors, polyolefin insulation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

7961A1SW2000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  7961A1SW2000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 7961A1SW2000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 7961A1SW2000 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For more Information
please call
1-800-Belden1
General Description:
22 AWG Symmetric quad stranded tinned copper conductors, polyolefin insulation, FRPE bedding,
industrial grade sunlight- and oil-resistant PVC jacket, rip cord. Sequential marking at two foot intervals.
PROFINET Type B cable
Usage (Overall)
Suitable Applications:
Industrial Ethernet Cable, Harsh Environments, Category 5e, ProfiNet, 100BaseTX, CMX - Outdoor, PLTC
Listed, Approved for Cable Tray Use in Class 1, Division 2, Hazardous Areas and Non-hazardous Areas,
Cable Trays, Raceways, Conduit and Supported by Messenger Wires, Approved for Outdoor Usage
Physical Characteristics (Overall)
Conductor
AWG:
# Conductors AWG Stranding
Conductor Material Dia. (in.)
4
22
7x 0.25 mm TC - Tined Copper
0.029
Total Number of Conductors:
4
Insulation
Insulation Material:
Insulation Material Dia. (in.)
PO - Polyolefin
0.061
Inner Jacket
Inner Jacket Material:
Inner Jacket Material Nom. Dia. (in.)
FRPE
0.161
Outer Shield
Outer Shield Material:
Layer # Outer Shield Trade Name Type Outer Shield Material
Coverage (%)
1
Beldfoil®
Tape Aluminum Foil - Polyester Tape 100.000
2
Braid
85.000
Outer Jacket
Outer Jacket Material:
Outer Jacket Material
Industrial Grade PVC
Overall Cable
Overall Nominal Diameter:
0.256 in.
Pair
Pair Color Code Chart:
Number Color
1
White
2
Blue
3
Yellow
4
Orange
Mechanical Characteristics (Overall)
Storage Temperature Range:
-40°C To +80°C
Installation Temperature Range:
-20°C To +60°C
Operating Temperature Range:
-40°C To +80°C
Bulk Cable Weight:
42.600 lbs/1000 ft.
Max. Recommended Pulling Tension:
55 lbs.
Min. Bend Radius/Minor Axis:
2.560 in.
Page 1 of 3
11-05-2015
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
7961A Multi-Conductor - Category 5e DataTuff® Quad Cables


Similar Part No. - 7961A1SW2000

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
7961A1SW2000 BELDEN-7961A1SW2000 Datasheet
253Kb / 3P
DataTuff짰 5e, 1 Quad (2 Pr) #22 Str TC, PO Ins, OSTC Brd, PVC Jkt, CMG CMX-Outdoor
More results

Similar Description - 7961A1SW2000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1344818 ETC2-1344818 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors, PVC insulation
1345874 ETC2-1345874 Datasheet
101Kb / 3P
22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
29467 ETC2-29467 Datasheet
30Kb / 3P
22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
1351272 ETC2-1351272 Datasheet
108Kb / 4P
24 AWG Bonded-Pairs stranded (7x32) tinned copper conductors, polyolefin insulation
28473 ETC2-28473 Datasheet
34Kb / 4P
22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
3076F ETC2-3076F Datasheet
104Kb / 3P
1 pair 18 AWG stranded (7x26) tinned copper conductors, polyolefin insulation
7960A ETC2-7960A Datasheet
122Kb / 3P
22 AWG Symmetric quad solid bare copper conductors, polyolefin insulation
7962A ETC2-7962A Datasheet
122Kb / 3P
22 AWG Symmetric quad stranded tinned copper conductors, polyolefin insulation
8723NH ETC2-8723NH Datasheet
113Kb / 3P
22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
9182 ETC2-9182 Datasheet
103Kb / 3P
22 AWG stranded (19x34) tinned copper conductors, Datalene insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com